|
| LM78LXX |
|
||
|
NSC |
|
2 page
Ordering Information Package Order Number Output Voltage NSC Drawing Supplied As microSMD LM78L05IBP 5V BPA08AAB Reel of 250 LM78L05IBPX 5V BPA08AAB Reel of 3000 LM78L09ITP 9V TPA08AAA Reel of 250 LM78L09ITPX 9V TPA08AAA Reel of 3000 SOIC Narrow LM78L05ACM 5V M08A Rail of 95 LM78L05ACMX 5V M08A Reel of 2500 LM78L12ACM 12V M08A Rail of 95 LM78L12ACMX 12V M08A Reel of 2500 LM78L15ACM 15V M08A Rail of 95 LM78L15ACMX 15V M08A Reel of 2500 TO-92 LM78L05ACZ 5V Z03A Box of 1800 LM78L62ACZ 6.2V Z03A Box of 1800 LM78L82ACZ 8.2V Z03A Box of 1800 LM78L09ACZ 9V Z03A Box of 1800 LM78L12ACZ 12V Z03A Box of 1800 LM78L15ACZ 15V Z03A Box of 1800 www.national.com 2 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| UTC78LXX | 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LM7800C | Series 3-Terminal Positive Regulators | 1 2 3 4 5 More | National Semiconductor |
| LM78L00 | LM78L00 Series 3-Terminal Positive Voltage Regulators | 1 2 3 4 5 More | National Semiconductor |
| LM140L | 3-Terminal Positive Regulators | 1 2 3 4 5 More | National Semiconductor |
| TA78L05F | 3-TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Toshiba Semiconductor |
| PJ7800 | 3-Terminal Fixed Voltage Positive Regulators | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| H78LXX | 3-TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Hi-Sincerity Mocroelectronics |
| AZ78XX | 3-TERMINAL POSITIVE LINEAR REGULATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| H78XX | 3-TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Hi-Sincerity Mocroelectronics |
| PJ78L00 | 3-Terminal Low Current Positive Voltage Regulators | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |