Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AK4376AECB Datasheet(PDF) 47 Page - Asahi Kasei Microsystems

No. de pieza AK4376AECB
Descripción Electrónicos  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Datasheet(HTML) 47 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 43Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 44Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 45Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 46Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 47Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 48Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 49Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 50Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 51Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 47 -
Charge Pump & LDO Circuits
The charge pump circuits are operated by CVDD power supply voltage. CVDD is used to generate
negative voltage. The power-up/down sequence of charge pump and LDO circuits are as follows. CP1
should be powered up before LDO1P/N are powered up. CP2 should be powered up after LDO1P/N are
powered up. LDO1P and LDO1N blocks must be powered up or down at the same time.
Power-Up Sequence: CP1 → LDO1P, LDO1N → CP2
Power-Down Sequence: CP2 → LDO1P, LDO1N → CP1
LDO1P and LDO1N have an overcurrent protection circuit. When overcurrent flows in a normal operation,
the LDO1P and LDO1N circuits limit the operation current. If the over current state is cleared, the
overcurrent protection will be off and the LDO1P and LDO1N circuits will return to normal operation.
LDO2 has an overvoltage protection circuit. This overvoltage protection circuit powers the LDO2 down
when the power supply becomes unstable by an instantaneous power failure, etc. during operation. The
LDO2 circuit will not return to a normal operation until being reset by the PDN pin (
“L” → “H”) after
removing the problems.
The charge pump and the LDO circuits can be powered up again while they are in power-down state.
Table 28. Input/Output Voltage and Operation Block of the Charge Pump
Charge Pump
Power
Management bit
Input Voltage
Output Voltage (Typ.)
Operation Block
CP1
PMCP1
CVDD
1.8 V
LDO1N
DAC
CP2 (Class-G)
PMCP2
CVDD
1.8 V / 0.9 V
HP
Table 29. Input/Output Voltage and Operation Block of the LDO
LDO
Power
Management bit
Power Supply
Output Voltage (Typ.)
Operation Block
LDO1P
PMLDO1P
AVDD / VSS1
+1.5 V
VREF+ for DAC, HP
LDO1N
PMLDO1N
VSS1 /
CP2 Output
1.5 V
VREF
 for DAC, HP
LDO2
-
LVDD / VSS1
+1.2 V
Digital Core


Número de pieza similar - AK4376AECB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Descripción similar - AK4376AECB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com