Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AK4376AECB Datasheet(PDF) 57 Page - Asahi Kasei Microsystems

No. de pieza AK4376AECB
Descripción Electrónicos  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376AECB Datasheet(HTML) 57 Page - Asahi Kasei Microsystems

Back Button AK4376AECB Datasheet HTML 53Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 54Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 55Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 56Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 57Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 58Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 59Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 60Page - Asahi Kasei Microsystems AK4376AECB Datasheet HTML 61Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 57 -
Register Definitions
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H
Power Management 1
0
0
0
PMOSC
0
0
0
PMPLL
R/W
R
R
R
R/W
R
R
R
R/W
Default
0
0
0
0
0
0
0
0
PMPLL: PLL Power Management
0: Power-Down (default)
1: Power-Up
PMOSC: Crystal Oscillator Power Management
0: Power-Down (default)
1: Power-Up
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
01H
Power Management 2
0
0
PMLDO1N
PMLDO1P
0
0
PMCP2
PMCP1
R/W
R
R
R/W
R/W
R
R
R/W
R/W
Default
0
0
0
0
0
0
0
0
PMCP1: Charge Pump 1 Power Management
0: Power-Down (default)
1: Power-Up
PMCP2: Charge Pump 2 Power Management
0: Power-Down (default)
1: Power-Up
PMLDO1P: LDO1P Power Management
0: Power-Down (default)
1: Power-Up
PMLDO1N: LDO1N Power Management
0: Power-Down (default)
1: Power-Up


Número de pieza similar - AK4376AECB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Descripción similar - AK4376AECB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376A AKM-AK4376A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com