Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AK7755EN Datasheet(PDF) 56 Page - Asahi Kasei Microsystems

No. de pieza AK7755EN
Descripción Electrónicos  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755EN Datasheet(HTML) 56 Page - Asahi Kasei Microsystems

Back Button AK7755EN_16 Datasheet HTML 52Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 53Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 54Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 55Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 56Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 57Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 58Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 59Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 60Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 56 -
Power-down and Reset
1. Power-down, Reset and Power Management of the AK7755
The AK7755 has four types of power-down and reset functions that are power-down (PDN pin), Clock
reset (CLKRESETN bit (CONT01:D0)), CODEC reset (CRESETN bit(CONT0F:D3)) and DSP reset
(DSPRESETN bit(CONT0F:D2)). Each block can be powered-down by power management registers.
2. Power-down
The AK7755 is powered down by setting the PDN pin = “L”. The PDN pin must be set to “L” when
power up the AK7755. The statuses of output pins in power-down mode are shown below.
LDOE pin = “L” (External 1.2V supply mode)
No
Pin Name
I/O Power-down Mode Status No
Pin Name
I/O Power-down Mode Status
1
VCOM
O
L
17
SO/SDA
I/O
Hi-Z
6
STO/RDY
O
H
18
SCLK/SCL
I/O
Hi-Z
7
LRCK
I/O
L
26
OUT3
O
Hi-Z
8
BICK
I/O
L
27
OUT2
O
Hi-Z
9
CLKO
O
L
28
OUT1
O
Hi-Z
10
XTO
O
H
31
IN4/INN2/DMCLK2
I/O
Hi-Z
11
XTI
I
H
32
IN3/INP2/DMDAT2
I
Hi-Z
14 JX2/SDOUT3/JX2/MAT1 I/O
L
33
IN2/INN1/DMCLK1
I/O
Hi-Z
15
SDOUT2/JX3/MAT1
I/O
L
34
IN1/INP1/DMDAT1
I
Hi-Z
16
SDOUT1
O
L
Note 44. [I/O] indicates Input / Output attribute of each pin.
LDOE pin = “H” (LDO mode)
No
Pin Name
I/O Power-down Mode Status No
Pin Name
I/O Power-down Mode Status
1
VCOM
O
L
17
SO/SDA
I/O
Hi-Z
6
STO/RDY
O
L
18
SCLK/SCL
I/O
Hi-Z
7
LRCK
I/O
L
24
AVDRV
O
L
8
BICK
I/O
L
26
OUT3
O
Hi-Z
9
CLKO
O
L
27
OUT2
O
Hi-Z
10
XTO
O
H
28
OUT1
O
Hi-Z
11
XTI
I
H
31
IN4/INN2/DMCLK2
I/O
Hi-Z
14
JX2/SDOUT3/JX2/MAT1
I/O
L
32
IN3/INP2/DMDAT2
I
Hi-Z
15
SDOUT2/JX3/MAT1
I/O
L
33
IN2/INN1/DMCLK1
I/O
Hi-Z
16
SDOUT1
O
L
34
IN1/INP1/DMDAT1
I
Hi-Z
3. Power-down Release
3-
1. LDOE = “L” (External 1.2V supply mode)
DVDD, TVDD and AVDD should be supplied when the PDN pin = “L”. By bringing the PDN pin “H”
600ns (min) after all power supplies are fed (DVDD, TVDD and AVDD), REF voltage circuit (Analog
reference voltage) starts operation. Control register write / read should be made 1ms after bringing the
PDN pin = “H” (Figure 24). AVDD and TVDD must be powered up first before DVDD. In this case,
the power-up sequence between AVDD and TVDD is not critical.
3-2
. LDOE = “H” (LDO mode)
TVDD and AVDD should be supplied when the PDN pin = “L”. By bringing the PDN pin “H” 600ns
(min) after TVDD and AVDD are fed, the power supply circuits for REF generator and internal digital
circuit start operation. Control register write / read should be made 1ms after bringing the PDN pin =
“H” (Figure 28).


Número de pieza similar - AK7755EN_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

Descripción similar - AK7755EN_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com