Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CQ-3204 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

No. de pieza CQ-3204
Descripción Electrónicos  High-Speed Response Coreless Current Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-3204 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  CQ-3204 Datasheet HTML 1Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 2Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
[CQ-3204]
016008768-E-00
2016/07
- 4 -
5. Pin Configurations and Functions
Figure 2. Pin assignment and typical output characteristics of CQ-3204.
Table 2. Pin configuration and functions of CQ-3204.
No.
Pin Name
I/O
Function
1
TAB1
-
Radiation pin, recommended to connect to GND
2
TEST1
-
Test pin, recommended to connect to GND
3
VDD
PWR
Power supply pin, 3.3V
4
TEST2
-
Test pin, recommended to connect to VDD
5
VSS
GND
Ground pin (GND)
6
VOUT
O
Analog output pin
7
TEST3
-
Test pin, recommended to connect to GND
8
TAB2
-
Radiation pin, recommended to connect to GND
9
N
I
Primary conductor pin
10
P
I
Primary conductor pin
IIN
0
INS
−I
NS
VDD
1/2 VDD
P to N
N to P
VOUT
1
Measured Current IIN
CQ-3204
(Top View)
8
9
10
VDD
VOUT
P
N


Número de pieza similar - CQ-3204

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
CQ-3200 AKM-CQ-3200 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
More results

Descripción similar - CQ-3204

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A_16 Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330F AKM-CQ-330F Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330G AKM-CQ-330G Datasheet
621Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com