Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CQ-3204 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

No. de pieza CQ-3204
Descripción Electrónicos  High-Speed Response Coreless Current Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-3204 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button CQ-3204 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 10Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 11Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 12Page - Asahi Kasei Microsystems CQ-3204 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
[CQ-3204]
016008768-E-00
2016/07
- 9 -
10.4. Temperature Drift of Sensitivity Vh-d [%] , Temperature Drift of Zero-current output Voltage Vof-d [mV]
Temperature drift of sensitivity is defined as the drift ratio of the sensitivity (Vh) at Ta = Ta1 (–40°C ≤ Ta1
90°C) to the Vh at Ta = 35°C, and calculated from the formula below:
Vh-d = 100 × (Vh(Ta = Ta1) / Vh(Ta = 35°C) – 1)
Maximum temperature drift of sensitivity (Vh-dmax) is defined as the maximum value of |Vh-d| through the
defined temperature range.
Temperature drift of zero-current output voltage is defined as the drift value between the zero-current
output voltage (Vof) at Ta = Ta1 (–40°C ≤ Ta1 ≤ 90°C) and the Vof at Ta = 35°C, and calculated from the
formula below:
Vof-d = Vof(Ta = Ta1) – Vof(Ta = 35°C)
Maximum temperature drift of zero-current output voltage (Vof-dmax) is defined as the maximum value of
|Vof-d| through the defined temperature range.
Reference data of the temperature drift of sensitivity and zero-current output voltage are shown in Figure 5.
Figure 5. Temperature drift of sensitivity and zero-current output voltage.


Número de pieza similar - CQ-3204

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
CQ-3200 AKM-CQ-3200 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
More results

Descripción similar - CQ-3204

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A_16 Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330F AKM-CQ-330F Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330G AKM-CQ-330G Datasheet
621Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com