Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PI2126-EVAL1 Datasheet(PDF) 6 Page - Vicor Corporation

No. de pieza PI2126-EVAL1
Descripción Electrónicos  PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126-EVAL1 Datasheet(HTML) 6 Page - Vicor Corporation

  PI2126-EVAL1 Datasheet HTML 1Page - Vicor Corporation PI2126-EVAL1 Datasheet HTML 2Page - Vicor Corporation PI2126-EVAL1 Datasheet HTML 3Page - Vicor Corporation PI2126-EVAL1 Datasheet HTML 4Page - Vicor Corporation PI2126-EVAL1 Datasheet HTML 5Page - Vicor Corporation PI2126-EVAL1 Datasheet HTML 6Page - Vicor Corporation PI2126-EVAL1 Datasheet HTML 7Page - Vicor Corporation PI2126-EVAL1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Picor Corporation • picorpower.com
PI2126-EVAL1 User Guide
Rev. 1.0
Page 6 of 8
Figure 4: Plot of PI2126 response time to reverse current detection
Thermal Imaging:
Figure 5: PI2126 mounted on PI2126-EVAL1, Iout=12A,
TA=25°C, Air Flow=0LFM
Figure 6: PI2126 mounted on PI2126-EVAL1, Iout=12A,
TA=25°C, Air Flow=200LFM
Test Setup:
DUT: PI2126-EVAL1
Vin1+ = 12V
Vin2+ = 12V
Output Load = 12A
Test:
Both input sources are turned
on and sharing the load
current, then applied a short
between Vin1+ and Gnd for
1ms.
Test purpose:
To show the PI2126 response
to a fault condition, where the
output of the input source is
shorted or tried to source
current from the load (Vout).
Iin1 (5A/div)
Vout(5V/div)
Vin1+ (5V/div)
Applied a
Short
Current
Reversed
MOSFET
turned off
MOSFET Starts
to turn off
83ns
Applied a Short
Short released
MOSFET
PI2126
PI2126
MOSFET


Número de pieza similar - PI2126-EVAL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
PI2126-00-LGIZ VICOR-PI2126-00-LGIZ Datasheet
1Mb / 15P
   30 Volt, 12 Amp Full-Function Active ORing Solution
More results

Descripción similar - PI2126-EVAL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
PI2127-EVAL1 VICOR-PI2127-EVAL1 Datasheet
1Mb / 9P
   PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
   PI2121-EVAL1 Full-Function Active ORing
PI5101-EVAL1 VICOR-PI5101-EVAL1 Datasheet
1Mb / 12P
   PI5101-EVAL1 3.3V/60A High Side Active ORing
PI2001-EVAL1 VICOR-PI2001-EVAL1 Datasheet
659Kb / 11P
   PI2001-EVAL1 Active ORing
PI2007-EVAL1 VICOR-PI2007-EVAL1 Datasheet
1Mb / 10P
   PI2007-EVAL1 48V Bus High Side Active ORing
PI2003-EVAL1 VICOR-PI2003-EVAL1 Datasheet
554Kb / 8P
   PI2003-EVAL1 Active ORing
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
   PI2002-EVAL1 Active ORing With Load Disconnect
PI2127 VICOR-PI2127 Datasheet
1Mb / 19P
   60 Volt, 12 Amp Full-Function Active ORing Solution
PI2126 VICOR-PI2126 Datasheet
1Mb / 15P
   30 Volt, 12 Amp Full-Function Active ORing Solution
PI2125 VICOR-PI2125 Datasheet
1Mb / 20P
   30 Volt, 12 Amp Full-Function Active ORing Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com