Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SWE215000 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

No. de pieza SWE215000
Descripción Electrónicos  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Página de inicio  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SWE215000 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SWE215000_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(150 A)
5 hour rate(240 A)
1 hour rate(825 A)
1500 AH
1200 AH
825AH
1.5 hour discharge to 1.75 V
Full charged Battery at 25 (77 )
600 A
0.9 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T20
Initial Charging Current less than 375 A
Voltage 2.35-2.40V
Voltage 2.25-2.30V
SW215000E(2V1500AH)
401
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Weight Approx
2 V
1500 Ah
369 mm (14.5 inches)
342 mm (13.5 inches)
401 mm (15.8 inches)
351 mm (13.8 inches)
100Kg(220lbs)
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt)Discharge Table at 25
(77
)
1h
3h
4h
5h
8h
10h
20h
10min
30min
1.60V
1.70V
1.75V
1.80V
1.85V
50h
100h
R
Edition Nov. 2009
3165A
1500A
750A
300A
150A
1.70
2.30
1.90
2.00
2.10
2.20
1.80
1.60
1.50
50
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
1.30
1.40
17.3A
200
100
20
M8
20


Número de pieza similar - SWE215000_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Sunnyway Batte...
SWE215000 SUNNYWAY-SWE215000 Datasheet
470Kb / 1P
   Deep cycle battery
More results

Descripción similar - SWE215000_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Sunnyway Batte...
SWE6420 SUNNYWAY-SWE6420_17 Datasheet
299Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE61200 SUNNYWAY-SWE61200_17 Datasheet
421Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE62250 SUNNYWAY-SWE62250_17 Datasheet
397Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW122500 SUNNYWAY-SW122500_17 Datasheet
345Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW220000 SUNNYWAY-SW220000_17 Datasheet
649Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE1240 SUNNYWAY-SWE1240_17 Datasheet
280Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE12550 SUNNYWAY-SWE12550_17 Datasheet
363Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12800E SUNNYWAY-SW12800E_17 Datasheet
521Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500E SUNNYWAY-SW22500E_17 Datasheet
477Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com