Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIBU80-200 Datasheet(PDF) 1 Page - Total Power International

No. de pieza TPIBU80-200
Descripción Electrónicos  80W Open Frame Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIBU80-200 Datasheet(HTML) 1 Page - Total Power International

  TPIBU80-200 Datasheet HTML 1Page - Total Power International TPIBU80-200 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
ElectricalCharacteristics:
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~240VAC
90~260VAC
fin
Po
Vo
Io
Iil
Iih
Ir
InputFrequency
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
2.0A (max.)
2.0A (max.)
47~63Hz
45A (max.)
90A (max.)
70~85%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
OverCurrentProtection
OverVoltageProtection
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
3S (max.)
16mS (min.)
0.5~1%
0.75mA (max.)
1% (max.)
5~7%
112~132%
110~150%
4mS(max.)
Pno
Seeratingchart
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
4242VDC (min.)
Primarytosecondary
DielectricWithstandingVoltage
forPrimarytosecondary
Vpg
Ris
2594VDC (min.)
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
PF
PowerFactorCorrection
0.95~1
Io=Fullload,Vin=240VAC
Note: TheRipple&Noisewhichisunder3.3VDCat2%max
-IndustrialPC
-Electrical Test&Measurement
Instruments
-Communicationequipment
- AVequipment
Features:
WideOperatingVoltage90to260VAC,47to63Hz
InternalEMIfilter
Dualand TripleOutput
ActivePowerFactorCorrection
Size:3"x5"x1.18"
Operatingtemperature-20~70°C
ClassI
3yearwarranty
TPIBU80 SERIES
80WOpenFrameType
IndustrialPowerSupplies
C B
RoHS
2002/95/EC
COMPLIANT
BAUART
TYPE
APPROVED
GEPRUFT
UL/c-UL(UL 60950-1:2ndEdition)
TUV/GS(EN60950-1:2ndEdition)
Total Power International, Inc.
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Número de pieza similar - TPIBU80-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPIBU81-200 TOTAL-POWER-TPIBU81-200 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU81-201 TOTAL-POWER-TPIBU81-201 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU81-202 TOTAL-POWER-TPIBU81-202 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU81-203 TOTAL-POWER-TPIBU81-203 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPIBU81-204 TOTAL-POWER-TPIBU81-204 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
More results

Descripción similar - TPIBU80-200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPIBU-81 TOTAL-POWER-TPIBU-81 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
   80W Open Frame Type Medical Power Supplies
logo
BOSER Technology Co., L...
MPI-706H BOSER-MPI-706H Datasheet
221Kb / 1P
   80W AC-DC Open Frame Power Supply
logo
CINCON ELECTRONICS Corp...
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
   80W WATT OPEN FRAME AC-DC MODULES
logo
Vitec Power
SMFA80-SERIES Vitec-SMFA80-SERIES Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA81 Vitec-STFA81 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
logo
DB Lectro Inc
SBU81 DBLECTRO-SBU81 Datasheet
460Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
logo
Vitec Power
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com