Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS150-30 Datasheet(PDF) 3 Page - Total Power International

No. de pieza TPS150-30
Descripción Electrónicos  SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS150-30 Datasheet(HTML) 3 Page - Total Power International

  TPS150-30 Datasheet HTML 1Page - Total Power International TPS150-30 Datasheet HTML 2Page - Total Power International TPS150-30 Datasheet HTML 3Page - Total Power International TPS150-30 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PPS150
SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
MODEL
OUTPUTVO
LTAGE
ADJUSTMENT
RANGE
MAXIMUM
OUTPUTCURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
TRIPLE OUTPUT MODEL SELECTION CHART
+18V
±
10% Typical
4A
6.4A
0.4A
±
5%
±
1%
- 18V
Fixed
4A
6.4A
0.4A
±
5%
±
1%
TPS150-39
+ 5V
Fixed
2A
3.2A
0.2A
±
10%
±
1%
210W Typical
QUAD OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
+12V
Fixed
5.3A
8.5A
0.53A
±
5%
±
1%
- 12V
Fixed
0.8A
1.3A
0.08A
±
10%
±
1%
TPS150-40
- 5 V
Fixed
0.8A
1.3A
0.08A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
+12V
Fixed
4.2A
6.7A
0.42A
±
5%
±
1%
- 12V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
TPS150-41
- 5 V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
+12V
Fixed
2.7A
4.3A
0.27A
±
5%
±
1%
- 15V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
TPS150-42
+15V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
9A
14.4A
0.9A
±
5%
±
1%
+12V
Fixed
3.5A
5.6A
0.35A
±
5%
±
1%
- 12V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
TPS150-43
- 15V
Fixed
3A
4.8A
0.3A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
9A
14.4A
0.9A
±
5%
±
1%
+12V
Fixed
1.5A
2.4A
0.15A
±
5%
±
1%
- 12V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
TPS150-44
+48V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
15A
24A
1.5A
±
5%
±
1%
+12V
Fixed
2A
8.5A
0.2A
±
5%
±
1%
- 12V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
TPS150-45Y
+24V
Fixed
1.5A
2.4A
0.15A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
4A
6.4A
0.4A
±
5%
±
1%
- 15V
Fixed
1.25A
2A
0.13A
±
5%
±
1%
+15V
Fixed
0.8A
1.3A
0.08A
±
10%
±
1%
TPS150-46
+24V
Fixed
4A
6.4A
0.4A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
13A
20.8A
1.3A
±
5%
±
1%
+15V
Fixed
1.1A
1.76A
0.11A
±
5%
±
1%
- 15V
Fixed
1.1A
1.76A
0.11A
±
10%
±
1%
TPS150-47
+48V
Fixed
1.1A
1.76A
0.11A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
12.5A
20A
1.25A
±
5%
±
1%
+3.3V
Fixed
9A
14.4A
0.9A
±
5%
±
1.5%
+12V
Fixed
2.5A
4A
0.25A
±
10%
±
1%
TPS150-48
-12V
Fixed
2.5A
4A
0.25A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
12.5A
20A
1.25A
±
5%
±
1%
+3.3V
Fixed
9A
14.4A
0.9A
±
5%
±
1.5%
+12V
Fixed
2.5A
4A
0.25A
±
10%
±
1%
TPS150-49
+24V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
210W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated, if 12 VDC input version; 25% derated if additional cover.


Número de pieza similar - TPS150-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPS150-30 TOTAL-POWER-TPS150-30 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
More results

Descripción similar - TPS150-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPS150 TOTAL-POWER-TPS150 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS-100 TOTAL-POWER-TPS-100 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS350 TOTAL-POWER-TPS350 Datasheet
1Mb / 4P
   SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
logo
Astrodyne Corporation
PMK130 ASTRODYNE-PMK130 Datasheet
2Mb / 10P
   130W Open Frame and U-Channel Power Supplies with PFC
logo
Volgen Kaga Electronics...
SPU130-101 VOLGEN-SPU130-101 Datasheet
329Kb / 2P
   130W Desk Top Switching Power Supplies For I.T.E.
logo
MPS Industries, Inc.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
   130W Desk Top Switching Power Supplies For Medical Equipment
logo
Total Power Internation...
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-350 TOTAL-POWER-TPS-350 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com