Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC1455P1D Datasheet(PDF) 2 Page - Motorola, Inc |
|
MC1455P1D Datasheet(HTML) 2 Page - Motorola, Inc |
2 / 4 page Motorola Master Selection Guide Analog and Interface Integrated Circuits 4.10–2 Timing Circuits These highly stable timers are capable of producing accurate time delays or oscillation. In the time delay mode of operation, the time is precisely controlled by one external resistor and capacitor. For a stable operation as an oscillator, the free–running frequency and the duty cycle are both accurately controlled with two external resistors and one capacitor. The output structure can source or sink up to 200 mA or drive TTL circuits. Timing intervals from microseconds through hours can be obtained. Additional terminals are provided for triggering or resetting if desired. Singles MC1455P1, D TA = 0° to +70°C, Case 626, 751 MC1455BP1, D TA = –40° to +85°C, Case 626, 751 Comp B Comp A 7 VCC Threshold Control Voltage Trigger 5 6 2 Gnd 1 3 Discharge Output 5.0 k R S Flip Flop Inhibit/ Reset Q 8 5.0 k 5.0 k Reset 4 Duals MC3456P TA = 0° to +70°C, Case 646 NE556N, D TA = 0° to +70°C, Case 646, 751A Multipliers Linear Four–Quadrant Multipliers Multipliers are designed for use where the output voltage is a linear product of two input voltages. Typical applications include: multiply, divide, square, root–mean–square, phase detector, frequency doubler, balanced modulator/demodulator, electronic gain control. k = 1 10 –10 VX, INPUT VOLTAGE (V) –10 –8.0 –4.0 –2.0 0 2.0 –6.0 4.0 6.0 8.0 10 + X Y KXY –8.0 –6.0 –4.0 –2.0 0 2.0 4.0 6.0 8.0 10 Multiplier Transfer Characteristics MC1494P TA = 0° to +70°C, Case 648 This device has all the necessary internal regulation and references. The single–ended output is referenced to ground. MC1495D, P TA = 0° to +70°C, Case 751A, 646 Maximum versatility is assured by allowing the user to select the level shift method. MC1495BP TA = –40° to +125°C, Case 646 Linearity and offset are actually tested over temperature. This is an improved specification over previous versions. |
Número de pieza similar - MC1455P1D |
|
Descripción similar - MC1455P1D |