Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N25-X Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza 4N25-X
Descripción Electrónicos  Optocoupler, Phototransistor Output, with Base Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N25-X Datasheet(HTML) 1 Page - Vishay Siliconix

  4N25-X Datasheet HTML 1Page - Vishay Siliconix 4N25-X Datasheet HTML 2Page - Vishay Siliconix 4N25-X Datasheet HTML 3Page - Vishay Siliconix 4N25-X Datasheet HTML 4Page - Vishay Siliconix 4N25-X Datasheet HTML 5Page - Vishay Siliconix 4N25-X Datasheet HTML 6Page - Vishay Siliconix 4N25-X Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4N25-X, 4N26-X, 4N27-X, 4N28-X
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 16-Jan-12
1
Document Number: 81864
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, with Base Connection
DESCRIPTION
The 4N25 family is an Industry Standard Single Channel
Phototransistor Coupler. This family includes the 4N25, 4N26,
4N27, 4N28. Each optocoupler consists of gallium arsenide
infrared LED and a silicon NPN phototransistor.
These couplers are Underwriters Laboratories (UL) listed to
comply with a 5300 VRMS isolation test voltage. This isolation
performance
is
accomplished
through
special
Vishay
manufacturing process.
Compliance
to
DIN
EN
60747-5-2
(VDE
0884)/
DIN EN 60747-5-5 pending partial discharge isolation
specification is available by ordering option 1.
These isolation processes and the Vishay ISO9001 quality
program results in the highest isolation performance available
for a commercial plastic phototransistor optocoupler.
The devices are also available in lead formed configuration
suitable for surface mounting and are available either on tape
and reel, or in standard tube shipping containers.
Note
• For additional design information see application note 45
normalized curves
FEATURES
• Isolation test voltage 5000 VRMS
• Interfaces with common logic families
• Input-output coupling capacitance < 0.5 pF
• Industry standard dual-in-line 6-pin package
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
APPLICATIONS
• AC mains detection
• Reed relay driving
• Switch mode power supply feedback
• Telephone ring detection
• Logic ground isolation
• Logic coupling with high frequency noise rejection
AGENCY APPROVALS
• UL file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
(pending), available with option 1
• BSI: EN 60065, EN 60950-1
•FIMKO
•CQC
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not put T on end.
1
2
3
6
5
4
B
C
E
A
C
NC
i179004-14
ORDERING INFORMATION
4
N
2
x
-
X
0##
T
PART NUMBER
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL, BSI, FIMKO
≥ 20
≥ 10
DIP-6
4N25-X000
-
4N27-X000
-
DIP-6, 400 mil, option 6
4N25-X006
4N26-X006
-
-
SMD-6, option 7
4N25-X007T
-
4N27-X007
-
SMD-6, option 9
4N25-X009T (1)
4N26-X009T (1)
4N27-X009T (1)
4N28-X009T (1)
VDE, UL, cUL, BSI, FIMKO
≥ 20
≥ 10
DIP-6
4N25-X001
4N26-X001
-
4N28-X001
DIP-6, 400 mil, option 6
4N25-X016
4N26-X016
-
-
SMD-6, option 7
4N25-X017T (1)
4N26-X017T (1)
4N27-X017T
-
7.62 mm
10.16 mm
> 8 mm
8 mm typ.
Option 7
Option 6
Option 9
DIP-6


Número de pieza similar - 4N25-X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
4N25-X VISHAY-4N25-X Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
4N25-X VISHAY-4N25-X Datasheet
153Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
4N25-X000 VISHAY-4N25-X000 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
4N25-X001 VISHAY-4N25-X001 Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
4N25-X006 VISHAY-4N25-X006 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
More results

Descripción similar - 4N25-X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com