Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD181GK22B Datasheet(PDF) 4 Page - Sirectifier Semiconductors

No. de pieza STD181GK22B
Descripción Electrónicos  Thyristor-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STD181GK22B Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  STD181GK22B Datasheet HTML 1Page - Sirectifier Semiconductors STD181GK22B Datasheet HTML 2Page - Sirectifier Semiconductors STD181GK22B Datasheet HTML 3Page - Sirectifier Semiconductors STD181GK22B Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STD
.
181B
0
0
Pvtot
Pvtot
IRMS100
200
W
A
Fig.4L Power dissipation of three modules vs. direct and rms current
500
ID
w3
B6
0
0
50
W
100
Fig.4R Power dissipation of three modules vs. case temp
Ta
Tc
C
O
C
O
150
K/W
500
3
.STD181B
10
A/us
Fig.5 Recovered charge vs. current decrease
100
1/2
uC
Tvj=
C
o
0
0.001
0.01
K/W
100
Fig.6 Transient thermal impedance vs. time
t
Zth
STD181B
1/2
.
Zth(j-s)
Zth(j-c)
0.1
1
10 s
STD1
81B
.
0
0
100
200
Fig.7 On-state charactristics
1/2
A
IT
Vt
0.5
1
1.5
2
V
typ.
max.
Fig.8 Surge overload current vs. time
ITM=
1
t
10
100
ms 1000
0.4
0.6
0.8
1
1.2
1.4
1.6
IT(OV)
ITSM
2
STD181B
1/2
.
1 VRRM
.
0.5 VRRM
.
0 VRRM
.
ITSM(25 C) =5400A
O
ITSM(125 C)=5000A
O
125
100
1000
10000
Qrr
1
-di /dt
T
300
Tvj=25 C
O
_
Tvj=125 C
O
400
1500
1500
125
115
105
95
85
75
0.06
0.05
0.1
0.15
0.2
0.25
0.3
400
500
600
500
0.3
0.2
0.25
0.16
0.12
0.1
0.08
0.07
0.05 0.04 0.03 0.02 Rth(c-a)
A
20
A
50
A
100
A
200
A
500
Thyristor-Diode Modules
STD181GKXX B
P4
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Número de pieza similar - STD181GK22B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Semiconduct...
STD181GK08 SIRECTIFIER-STD181GK08 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD181GK08 SIRECTIFIER-STD181GK08 Datasheet
368Kb / 4P
   Thyristor-Diode Modules
STD181GK12 SIRECTIFIER-STD181GK12 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD181GK12 SIRECTIFIER-STD181GK12 Datasheet
368Kb / 4P
   Thyristor-Diode Modules
STD181GK14 SIRECTIFIER-STD181GK14 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results

Descripción similar - STD181GK22B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com