Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STU6N90K5 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STU6N90K5
Descripción Electrónicos  Zener-protected
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU6N90K5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STU6N90K5 Datasheet HTML 4Page - STMicroelectronics STU6N90K5 Datasheet HTML 5Page - STMicroelectronics STU6N90K5 Datasheet HTML 6Page - STMicroelectronics STU6N90K5 Datasheet HTML 7Page - STMicroelectronics STU6N90K5 Datasheet HTML 8Page - STMicroelectronics STU6N90K5 Datasheet HTML 9Page - STMicroelectronics STU6N90K5 Datasheet HTML 10Page - STMicroelectronics STU6N90K5 Datasheet HTML 11Page - STMicroelectronics STU6N90K5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STU6N90K5
10/12
DocID029950 Rev 1
Table 10: IPAK (TO-251) type C package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.20
2.30
2.35
A1
0.90
1.00
1.10
b
0.66
0.79
b2
0.90
b4
5.23
5.33
5.43
c
0.46
0.59
c2
0.46
0.59
D
6.00
6.10
6.20
D1
5.20
5.37
5.55
E
6.50
6.60
6.70
E1
4.60
4.78
4.95
e
2.20
2.25
2.30
e1
4.40
4.50
4.60
H
16.18
16.48
16.78
L
9.00
9.30
9.60
L1
0.90
1.00
1.20
L2
0.90
1.08
1.25
θ1
θ2


Número de pieza similar - STU6N90K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STU6N95K5 STMICROELECTRONICS-STU6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
More results

Descripción similar - STU6N90K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com