Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC595 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza CD74HC595
Descripción Electrónicos  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGIS TERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC595 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC595_17 Datasheet HTML 2Page - Texas Instruments CD74HC595_17 Datasheet HTML 3Page - Texas Instruments CD74HC595_17 Datasheet HTML 4Page - Texas Instruments CD74HC595_17 Datasheet HTML 5Page - Texas Instruments CD74HC595_17 Datasheet HTML 6Page - Texas Instruments CD74HC595_17 Datasheet HTML 7Page - Texas Instruments CD74HC595_17 Datasheet HTML 8Page - Texas Instruments CD74HC595_17 Datasheet HTML 9Page - Texas Instruments CD74HC595_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CD74HC595
8BIT SHIFT REGISTERS
WITH 3STATE OUTPUT REGISTERS
SCHS353 − JANUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = -55°C TO
125
°C
TA = -40°C TO
85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
VOH
VI = VIH or VIL
QH′, IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
VOH
VI = VIH or VIL
QA−QH, IOH = −6 mA
4.5 V
3.98
4.3
3.7
3.84
V
QH′, IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
QA−QH, IOH = −7.8 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
QH′, IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
VOL
VI = VIH or VIL
QA−QH, IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
QH′, IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
QA−QH, IOL = 7.8 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
IOZ
VO = VCC or 0,
QA−QH
6 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V
to 6 V
3
10
10
10
pF


Número de pieza similar - CD74HC595_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC595 TI1-CD74HC595_14 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Descripción similar - CD74HC595_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI1-SN54HC595_15 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN74LV595A TI1-SN74LV595A Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54LV595A TI-SN54LV595A_07 Datasheet
755Kb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI1-CD74HC595_14 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com