Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP34NM60N Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STP34NM60N
Descripción Electrónicos  Low gate input resistance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP34NM60N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP34NM60N Datasheet HTML 2Page - STMicroelectronics STP34NM60N Datasheet HTML 3Page - STMicroelectronics STP34NM60N Datasheet HTML 4Page - STMicroelectronics STP34NM60N Datasheet HTML 5Page - STMicroelectronics STP34NM60N Datasheet HTML 6Page - STMicroelectronics STP34NM60N Datasheet HTML 7Page - STMicroelectronics STP34NM60N Datasheet HTML 8Page - STMicroelectronics STP34NM60N Datasheet HTML 9Page - STMicroelectronics STP34NM60N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STB34NM60N, STP34NM60N
6/17
DocID17740 Rev 9
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
100
10
1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.1
AM15706v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
60
40
20
0
0
10
VDS(V)
20
(A)
5
15
25
80
5V
6V
VGS=10V
30
70
50
30
10
AM09020v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
80
10
30
50
70
VDS=20V
AM09021v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=480V
ID=31.5A
300
200
100
0
400
VDS (V)
500
VDS
12
AM15701v1
RDS(on)
0.092
0.09
0.088
0.086
0
20
ID(A)
(Ω)
10
0.094
0.096
VGS=10V
5
15
25
30
AM15702v1


Número de pieza similar - STP34NM60N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP34NM60N STMICROELECTRONICS-STP34NM60N Datasheet
941Kb / 17P
   N-channel 600 V, 0.092 廓, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
logo
Inchange Semiconductor ...
STP34NM60N ISC-STP34NM60N Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP34NM60ND STMICROELECTRONICS-STP34NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
logo
Inchange Semiconductor ...
STP34NM60ND ISC-STP34NM60ND Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - STP34NM60N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
   Low gate input resistance
January 2010 Rev 1
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com