Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD4NK100Z Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STD4NK100Z
Descripción Electrónicos  Very low intrinsic capacitance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NK100Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD4NK100Z Datasheet HTML 6Page - STMicroelectronics STD4NK100Z Datasheet HTML 7Page - STMicroelectronics STD4NK100Z Datasheet HTML 8Page - STMicroelectronics STD4NK100Z Datasheet HTML 9Page - STMicroelectronics STD4NK100Z Datasheet HTML 10Page - STMicroelectronics STD4NK100Z Datasheet HTML 11Page - STMicroelectronics STD4NK100Z Datasheet HTML 12Page - STMicroelectronics STD4NK100Z Datasheet HTML 13Page - STMicroelectronics STD4NK100Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package information
STD4NK100Z
10/16
DocID022821 Rev 2
Figure 20. DPAK (TO-252) type A2 outline


Número de pieza similar - STD4NK100Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
440Kb / 15P
   Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
Rev 3 - April 2023
STD4NK100Z STMICROELECTRONICS-STD4NK100Z_V01 Datasheet
440Kb / 15P
   Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
Rev 3 - April 2023
More results

Descripción similar - STD4NK100Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
June 2013 Rev 2
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
   Very low intrinsic capacitance
June 2013 Rev 1
STDLED524 STMICROELECTRONICS-STDLED524 Datasheet
1Mb / 22P
   Very low intrinsic capacitance
August 2013 Rev 1
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
   Very low intrinsic capacitance
September 2013 Rev 1
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
July 2013 Rev 4
STF17N62K3 STMICROELECTRONICS-STF17N62K3 Datasheet
976Kb / 17P
   Very low intrinsic capacitance
July 2011 Rev 2
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
   Very low intrinsic capacitance
December 2011 Rev 1
STD10NF30 STMICROELECTRONICS-STD10NF30 Datasheet
874Kb / 16P
   Very low intrinsic capacitances
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
   Very Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com