Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD35N3LH5 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STD35N3LH5
Descripción Electrónicos  Low gate drive power losses
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD35N3LH5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD35N3LH5 Datasheet HTML 3Page - STMicroelectronics STD35N3LH5 Datasheet HTML 4Page - STMicroelectronics STD35N3LH5 Datasheet HTML 5Page - STMicroelectronics STD35N3LH5 Datasheet HTML 6Page - STMicroelectronics STD35N3LH5 Datasheet HTML 7Page - STMicroelectronics STD35N3LH5 Datasheet HTML 8Page - STMicroelectronics STD35N3LH5 Datasheet HTML 9Page - STMicroelectronics STD35N3LH5 Datasheet HTML 10Page - STMicroelectronics STD35N3LH5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STD35N3LH5
Electrical characteristics
Doc ID 16359 Rev 2
7/15
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=15V
ID=11A
10
12
AM09011v1
C
1000
100
10
0.1
10
VDS(V)
(pF)
1
Ciss
Coss
Crss
AM09012v1
VGS(th)
0.6
0.4
0.2
0
-75
TJ(°C)
(norm)
-25
0.8
75
25
125
1.0
1.2
175
ID=250µA
AM09013v1
RDS(on)
1.2
1.0
0.8
0.6
-75
TJ(°C)
(norm)
-25
75
25
125
175
1.8
1.6
1.4
2.0
AM09014v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ=-55°C
TJ=175°C
TJ=25°C
12
14
AM09015v1


Número de pieza similar - STD35N3LH5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STD35N10 SAMHOP-STD35N10 Datasheet
121Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
STMicroelectronics
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
   N-channel 60V - 0.018廓 - 35A - DPAK STripFET??II Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD35NF06 DOINGTER-STD35NF06 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Youtai Semico...
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
   60V N-Channel Enhancement Mode Power MOSFET
logo
STMicroelectronics
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
More results

Descripción similar - STD35N3LH5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STL13DP10F6 STMICROELECTRONICS-STL13DP10F6 Datasheet
592Kb / 14P
   Low gate drive power losses
May 2014 Rev 2
STS20N3LLH6 STMICROELECTRONICS-STS20N3LLH6 Datasheet
548Kb / 13P
   Low gate drive power losses
STS3P6F6 STMICROELECTRONICS-STS3P6F6 Datasheet
933Kb / 16P
   Low gate drive power losses
July 2014 Rev 2
STP105N3LL STMICROELECTRONICS-STP105N3LL Datasheet
819Kb / 13P
   Low gate drive power losses
April 2014 Rev 2
STT6N3LLH6 STMICROELECTRONICS-STT6N3LLH6 Datasheet
1Mb / 12P
   Low gate drive power losses
March 2014 Rev 3
STR2N2VH5 STMICROELECTRONICS-STR2N2VH5 Datasheet
882Kb / 13P
   Low gate drive power loss
July 2014 Rev 4
logo
Advanced Power Electron...
AP2531GY-HF A-POWER-AP2531GY-HF_14 Datasheet
125Kb / 7P
   Low Gate Charge Drive
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
   Low forward voltage drop, low power losses
Revision: 28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com