Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STFU15N80K5 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STFU15N80K5
Descripción Electrónicos  N-channel 800 V, 0.3typ., 14 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU15N80K5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STFU15N80K5 Datasheet HTML 5Page - STMicroelectronics STFU15N80K5 Datasheet HTML 6Page - STMicroelectronics STFU15N80K5 Datasheet HTML 7Page - STMicroelectronics STFU15N80K5 Datasheet HTML 8Page - STMicroelectronics STFU15N80K5 Datasheet HTML 9Page - STMicroelectronics STFU15N80K5 Datasheet HTML 10Page - STMicroelectronics STFU15N80K5 Datasheet HTML 11Page - STMicroelectronics STFU15N80K5 Datasheet HTML 12Page - STMicroelectronics STFU15N80K5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
STFU15N80K5
10/13
DocID027658 Rev 2
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
TO-220FP ultra narrow leads package information
Figure 21: TO-220FP ultra narrow leads package outline
8576148_1


Número de pieza similar - STFU15N80K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STFU15NM65N STMICROELECTRONICS-STFU15NM65N Datasheet
807Kb / 12P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
logo
Inchange Semiconductor ...
STFU15NM65N ISC-STFU15NM65N Datasheet
294Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Descripción similar - STFU15N80K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STFU13N80K5 STMICROELECTRONICS-STFU13N80K5 Datasheet
754Kb / 13P
   N-channel 800 V, 0.37 廓 typ., 12 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
October 2015 Rev 1
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
   N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
Rev 1 - January 2019
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5_V01 Datasheet
841Kb / 17P
   N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
September 2016
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
   N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
January 2016
STF10N80K5 STMICROELECTRONICS-STF10N80K5 Datasheet
576Kb / 14P
   N-channel 800 V, 0.470 ??typ., 9 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2014 Rev 4
STFU15NM65N STMICROELECTRONICS-STFU15NM65N Datasheet
807Kb / 12P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
   N-channel 650 V, 0.37 廓 typ., 10 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
May 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com