Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STFU15NM65N Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STFU15NM65N
Descripción Electrónicos  N-channel 650 V, 0.35typ., 12 A MDmesh??II Power MOSFET in a TO-220FP ultra narrow leads package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU15NM65N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STFU15NM65N Datasheet HTML 4Page - STMicroelectronics STFU15NM65N Datasheet HTML 5Page - STMicroelectronics STFU15NM65N Datasheet HTML 6Page - STMicroelectronics STFU15NM65N Datasheet HTML 7Page - STMicroelectronics STFU15NM65N Datasheet HTML 8Page - STMicroelectronics STFU15NM65N Datasheet HTML 9Page - STMicroelectronics STFU15NM65N Datasheet HTML 10Page - STMicroelectronics STFU15NM65N Datasheet HTML 11Page - STMicroelectronics STFU15NM65N Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STFU15NM65N
10/12
DocID027631 Rev 2
Table 9: TO-220FP ultra narrow leads mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
B
2.50
2.70
D
2.50
2.75
E
0.45
0.60
F
0.65
0.75
F1
-
0.90
G
4.95
5.20
G1
2.40
2.54
2.70
H
10.00
10.40
L2
15.10
15.90
L3
28.50
30.50
L4
10.20
11.00
L5
2.50
3.10
L6
15.60
16.40
L7
9.00
9.30
L8
3.20
3.60
L9
-
1.30
Dia.
3.00
3.20


Número de pieza similar - STFU15NM65N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
STFU15NM65N ISC-STFU15NM65N Datasheet
294Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Descripción similar - STFU15NM65N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
   N-channel 650 V, 0.37 廓 typ., 10 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
May 2015 Rev 1
STFU13N80K5 STMICROELECTRONICS-STFU13N80K5 Datasheet
754Kb / 13P
   N-channel 800 V, 0.37 廓 typ., 12 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
October 2015 Rev 1
STFU9N65M2 STMICROELECTRONICS-STFU9N65M2 Datasheet
462Kb / 12P
   N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 3
STFU11N65M2 STMICROELECTRONICS-STFU11N65M2 Datasheet
454Kb / 12P
   N-channel 650 V, 0.60 typ., 7 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 2
STFU15N80K5 STMICROELECTRONICS-STFU15N80K5 Datasheet
902Kb / 13P
   N-channel 800 V, 0.3 廓 typ., 14 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
August 2013 Rev 1
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2016
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU13N60M2 STMICROELECTRONICS-STFU13N60M2 Datasheet
655Kb / 12P
   N-channel 600 V, 0.35 typ., 11 A MDmeshTM M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
   N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 3
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
   N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
Rev 1 - January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com