Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STFW2N105K5 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STFW2N105K5
Descripción Electrónicos  N-channel 1050 V, 6 廓 typ., 1.5 A Zener-protected SuperMESH??5 Power MOSFET in a TO-3PF package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW2N105K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STFW2N105K5 Datasheet HTML 2Page - STMicroelectronics STFW2N105K5 Datasheet HTML 3Page - STMicroelectronics STFW2N105K5 Datasheet HTML 4Page - STMicroelectronics STFW2N105K5 Datasheet HTML 5Page - STMicroelectronics STFW2N105K5 Datasheet HTML 6Page - STMicroelectronics STFW2N105K5 Datasheet HTML 7Page - STMicroelectronics STFW2N105K5 Datasheet HTML 8Page - STMicroelectronics STFW2N105K5 Datasheet HTML 9Page - STMicroelectronics STFW2N105K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STFW2N105K5
6/14
DocID026320 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
1
0.1
0.1
1
100
VDS(V)
10
(A)
Operation in this area is
Limited by max RDS(on)
100μs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
1000
GIPG210320141515SA
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
10
0
Zth_TO3PF
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
1.0
0.5
02
6
VDS(V)
4
(A)
0.0
VGS= 10,11V
9V
8V
7V
6V
8
1.5
2.0
2.5
10 12 14 16
GIPG210320141045SA
ID
1
0.5
56
8
VGS(V)
7
(A)
0
VDS= 20V
9
1.5
2
2.5
10
GIPG210320141056SA
VGS
4
2
02
6
Qg(nC)
4
(V)
0
8
6
8
10
12
10
VDS(V)
0
100
200
300
400
500
600
700
800
VDD = 840 V
ID = 1.5 A
GIPG210320141105SA
RDS(on)
2
00.2
0.6
ID(A)
0.4
(Ω)
0
0.8
4
6
VGS= 10V
8
10
1.0 1.2
1.4
GIPG210320141116SA


Número de pieza similar - STFW2N105K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
STFW20N65M5 ISC-STFW20N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STFW20N65M5 STMICROELECTRONICS-STFW20N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
March 2017
More results

Descripción similar - STFW2N105K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
STD3PK50Z STMICROELECTRONICS-STD3PK50Z Datasheet
740Kb / 15P
   P-channel 500 V, 3 廓 typ., 2.8 A Zener-protected SuperMESH??Power MOSFET in a DPAK package
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
   N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
STFW3N170 STMICROELECTRONICS-STFW3N170 Datasheet
702Kb / 12P
   N-channel 1700 V, 7 廓 typ., 2.6 A PowerMESH??Power MOSFET in a TO-3PF package
September 2015 Rev 3
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
STFI20NK50Z STMICROELECTRONICS-STFI20NK50Z Datasheet
531Kb / 13P
   N-channel 500 V, 0.23 廓, 17 A Zener-protected SuperMESH?? Power MOSFET in I짼PAKFP package
March 2012 Rev 3
STFI13NK60Z STMICROELECTRONICS-STFI13NK60Z Datasheet
516Kb / 13P
   N-channel 600 V, 0.48 廓, 13 A, Zener-protected SuperMESH??Power MOSFET in I짼PAKFP package
March 2012 Rev 3
STP5N105K5 STMICROELECTRONICS-STP5N105K5 Datasheet
639Kb / 14P
   N-channel 1050 V, 2.9 廓 typ., 3 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2014 Rev 3
STFW8N120K5 STMICROELECTRONICS-STFW8N120K5 Datasheet
302Kb / 12P
   N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-3PF package
DS12562 - Rev 2 - July 2018
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
   N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com