Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGIPL35K120L1 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STGIPL35K120L1
Descripción Electrónicos  Active Miller clamp feature
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL35K120L1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGIPL35K120L1 Datasheet HTML 3Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 4Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 5Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 6Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 7Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 8Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 9Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 10Page - STMicroelectronics STGIPL35K120L1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STGIPL35K120L1
Electrical characteristics
Doc ID 022751 Rev 4
7/19
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 7.
Inverter part
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VCE(sat)
Collector-emitter
saturation voltage
VH-H (VH-L) = 15 V, VIN
(1) = 1 "logic
state", IC = 30 A
-2.8
3.6
V
VH-H (VH-L) = 15 V, VIN
(1) = 1 "logic
state", IC = 30 A, TJ = 125°C
-2.4
ICES
Collector-cut off current
(VIN
(1)= 0 “logic state”)
VCE = 1200 V, VH-H (VH-L) = 15 V
-
10
mA
VF
Diode forward voltage
VIN
(1) = 0 "logic state", I
F = 30 A
-
2.3
V
Switching on/off (inductive load) (2)
ton
Turn-on time
VDD = 600 V,
VH-H (VH-L) = 15 V,
VIN = 1 "logic state" (see Table 9)
IC = 30 A (see Figure 4 and 5)
-
720
-
ns
tc(on)
Crossover time (on)
-
300
-
toff
Turn-off time
-
880
-
tc(off)
Crossover time (off)
-
275
-
trr
Reverse recovery time
-
520
-
Eon
Turn-on switching losses
-
3.7
-
mJ
Eoff
Turn-off switching losses
-
1.9
-
ton
Turn-on time
VDD = 600 V,
VH-H (VH-L) = 15 V,
VIN = 1 "logic state" (see Table 9)
IC = 30 A, TJ = 125 °C
(see Figure 4 and 5)
-
820
-
ns
tc(on)
Crossover time (on)
-
350
-
toff
Turn-off time
-
1400
-
tc(off)
Crossover time (off)
-
700
-
trr
Reverse recovery time
-
620
-
Eon
Turn-on switching losses
-
5.6
-
mJ
Eoff
Turn-off switching losses
-
5.8
-
1.
See Table 9: Truth table.
2.
tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are the switching time of IGBT itself
under the internally given gate driving condition. Parameter values take into account a 20 nH stray inductance.
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - STGIPL35K120L1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGIPL30C60 STMICROELECTRONICS-STGIPL30C60 Datasheet
742Kb / 23P
   SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
April 2016 Rev 1
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
More results

Descripción similar - STGIPL35K120L1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-330J AVAGO-ACPL-330J Datasheet
302Kb / 22P
   Fault Feedback, Active Miller Clamp and Auto-Fault Reset
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
ACPL-34JT AVAGO-ACPL-34JT Datasheet
392Kb / 16P
   1.9 A Miller Clamp Sinking Current
logo
Renesas Technology Corp
PS9332L RENESAS-PS9332L_15 Datasheet
656Kb / 20P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9332L CEL-PS9332L Datasheet
1Mb / 20P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Texas Instruments
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
[Old version datasheet]   Voltage Mode Active Clamp Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com