Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si1064-A-GM Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza Si1064-A-GM
Descripción Electrónicos  MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1064-A-GM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si1064-A-GM Datasheet HTML 7Page - Silicon Laboratories Si1064-A-GM Datasheet HTML 8Page - Silicon Laboratories Si1064-A-GM Datasheet HTML 9Page - Silicon Laboratories Si1064-A-GM Datasheet HTML 10Page - Silicon Laboratories Si1064-A-GM Datasheet HTML 11Page - Silicon Laboratories Si1064-A-GM Datasheet HTML 12Page - Silicon Laboratories Si1064-A-GM Datasheet HTML 13Page - Silicon Laboratories Si1064-A-GM Datasheet HTML 14Page - Silicon Laboratories Si1064-A-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 358 page
background image
Si106x/108x
11
Rev. 1.0
Table 19.3. SmaRTClock Bias Settings ................................................................ 210
Table 20.1. Port I/O Assignment for Analog Functions ......................................... 220
Table 20.2. Port I/O Assignment for Digital Functions ........................................... 220
Table 20.3. Port I/O Assignment for External Digital Event Capture Functions .... 221
Table 21.1. Internal Connection for Radio and MCU ............................................. 238
Table 21.2. Serial Interface Timing Parameters .................................................... 238
Table 21.3. Operating State Response Time and Current Consumption
Si1060/61/62/63, Si1080/81/82/83 ..................................................... 242
Table 21.4. Operating State Response Time and Current Consumption
(Si1064/65, Si1084/85) ....................................................................... 242
Table 21.5. POR Timing ........................................................................................ 243
Table 21.6. GPIOs ................................................................................................. 247
Table 23.1. Recommended Preamble Length ....................................................... 251
Table 24.1. Output Divider (Outdiv) Values for the Si1060–Si1063, Si1080-1083 256
Table 24.2. Output Divider (Outdiv) for the Si1064/Si1065/Si1084/Si1085 ........... 256
Table 27.1. WUT Specific Commands and Properties .......................................... 264
Table 28.1. SMBus Clock Source Selection .......................................................... 271
Table 28.2. Minimum SDA Setup and Hold Times ................................................ 272
Table 28.3. Sources for Hardware Changes to SMB0CN ..................................... 276
Table 28.4. Hardware Address Recognition Examples (EHACK = 1) ................... 277
Table 28.5. SMBus Status Decoding With Hardware ACK Generation Disabled
(EHACK = 0) ....................................................................................... 286
Table 28.6. SMBus Status Decoding With Hardware ACK Generation Enabled
(EHACK = 1) ....................................................................................... 288
Table 29.1. Timer Settings for Standard Baud Rates
Using The Internal 24.5 MHz Oscillator .............................................. 297
Table 29.2. Timer Settings for Standard Baud Rates
Using an External 22.1184 MHz Oscillator ......................................... 297
Table 30.1. SPI Slave Timing Parameters ............................................................ 310
Table 31.1. Timer 0 Running Modes ..................................................................... 313
Table 32.1. PCA Timebase Input Options ............................................................. 334
Table 32.2. PCA0CPM and PCA0PWM Bit Settings for PCA Capture/Compare
Modules .............................................................................................. 336
Table 32.3. Watchdog Timer Timeout Intervals1 ................................................... 345


Número de pieza similar - Si1064-A-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
logo
Delta Electronics, Inc.
SI106 DELTA-SI106 Datasheet
88Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106-100 ETC-SI106-100 Datasheet
419Kb / 1P
   SMT Power Inductor
logo
Delta Electronics, Inc.
SI106-100K DELTA-SI106-100K Datasheet
88Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106-101 ETC-SI106-101 Datasheet
419Kb / 1P
   SMT Power Inductor
More results

Descripción similar - Si1064-A-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI1000-E-GM2 SILABS-SI1000-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
   Integrated MCU with Spread-Spectrum Transceiver (SST)
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
Texas Instruments
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_1 Datasheet
958Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
   ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com