Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si4455-C2A-GM Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza Si4455-C2A-GM
Descripción Electrónicos  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4455-C2A-GM Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si4455-C2A-GM Datasheet HTML 3Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 4Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 5Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 6Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 7Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 8Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 9Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 10Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Si4x55-C
Rev 1.0
7
Table 4. Transmitter AC Electrical Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
TX Frequency Range
FTX
284
350
MHz
350
525
MHz
850
960
MHz
(G)FSK Data Rate
DRFSK2
1.0
500
kbps
OOK Data Rate
DROOK
0.5
120
kbps
Modulation Deviation
Range
f960
850–960 MHz
500
kHz
f525
350–525 MHz
500
kHz
f350
284–350 MHz
500
kHz
Modulation Deviation
Resolution
FRES-960
850–1050 MHz
—114.4
Hz
FRES-525
420–525 MHz
—57.2
Hz
FRES-420
350–420 MHz
—45.6
Hz
FRES-350
284–350 MHz
—38.1
Hz
Output Power Range3
PTX
Measured at 434 MHz, 3.3 V,
Class E match
–20
+13
dBm
TX RF Output Steps3
PRF_OUT
Using switched current match within
6 dB of max power
—0.25
dB
TX RF Output Level3
Variation vs. Temperature
PRF_TEMP
–40 to +85
C—
2.3
dB
TX RF Output Level
Variation vs. Frequency3
PRF_FREQ
Measured across 902–928 MHz
0.6
dB
Transmit Modulation
Filtering
B*T
Gaussian Filtering Bandwith Time
Product
—0.5
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
The maximum data rate is dependent on the XTAL frequency and is calculated as per the formula: Maximum Symbol
Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz).
3.
Conducted measurements based on RF evaluation board. Output power and emissions specifications are dependent on
transmit frequency, matching components, and board layout.


Número de pieza similar - Si4455-C2A-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
   The kits support use of the Wireless Development Suite
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
More results

Descripción similar - Si4455-C2A-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com