Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4866DY Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI4866DY
Descripción Electrónicos  N-Channel Reduced Qg, Fast Switching MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4866DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4866DY Datasheet HTML 1Page - Vishay Siliconix SI4866DY Datasheet HTML 2Page - Vishay Siliconix SI4866DY Datasheet HTML 3Page - Vishay Siliconix SI4866DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4866DY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71699
S-03662—Rev. B, 14-Apr-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 9.6 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 9.6 V, VGS = 0 V, TJ = 70_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
40
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 17
0.0045
0.0055
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 14
0.0065
0.008
W
Forward Transconductancea
gfs
VDS = 6 V, ID = 17
80
S
Diode Forward Voltagea
VSD
IS = 2.7 A, VGS = 0 V
0.70
1.1
V
Dynamicb
Total Gate Charge
Qg
21
30
Gate-Source Charge
Qgs
VDS = 6 V, VGS = 4.5 V, ID = 17 A
4.6
nC
Gate-Drain Charge
Qgd
3.5
Gate Resistance
RG
1.5
2.3
3.9
W
Turn-On Delay Time
td(on)
28
42
Rise Time
tr
VDD = 6 V, RL = 6 W
32
48
Turn-Off Delay Time
td(off)
VDD = 6 V, RL = 6 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
82
123
ns
Fall Time
tf
35
53
Source-Drain Reverse Recovery Time
trr
IF = 2.7 A, di/dt = 100 A/ms
60
90
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
012345
VGS = 10 thru 2.5 V
25
_C
TC = 125_C
-55
_C
2 V
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1.5 V


Número de pieza similar - SI4866DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4866DY VISHAY-SI4866DY Datasheet
161Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
01-Jan-2022
SI4866DY VISHAY-SI4866DY_V01 Datasheet
161Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
01-Jan-2022
More results

Descripción similar - SI4866DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
SI4800BDY-T1 VISHAY-SI4800BDY-T1 Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI9422DY VISHAY-SI9422DY Datasheet
53Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 23-Nov-98
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com