Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL6610KG Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

No. de pieza SL6610KG
Descripción Electrónicos  Direct Conversion FSK Data Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6610KG Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SL6610KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 11Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 12Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 13Page - Zarlink Semiconductor Inc SL6610KG Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SL6610
9
COMPONENTS LIST FOR APPLICATION BOARD At 470MHz, 25kHz Channel Spacing.
(LO circuit is 50
Ω network as in Fig.5 - crystal oscillator not specified)
Resistors
R1
open circuit
R2
not used
R3
100
R4
100k
R5
100
R6
100
R7
100
R8
open circuit
R9
220k
R10
1M
R11
100k (2)
R12
300 (3)
R13
3k9 (1)
R14
4k7
R15
4k7
R16
33k
R17
open circuit (4)
R18
0R (4)
R22
open circuit
Capacitors
C1
1n
C2
3.3pF
C3
1n
C4
1n
C5
3.9pF
C6
2u2
C7
1n
C8
100n
C9
1n (2)
C10
2u2
C11
100n
C12
1n
C13
1n
C14
1n
C15
1n
C16
1n
C17
1n
C18
1n
C19
100n
C20
1n
C21
1n
C22
not used
C23
not used
C24
1n
C25
1n
C26
open circuit
C27
not used
C28
not used
C29
100p
C30
2u2
C31
2u2
C34
1p5
VC1
1-3pF
Inductors
L1
47nH (5)
L2
not used (3)
T1
16nH 2 Turn 1:1 (Coilcraft) Q4123-A
Active Components
Q1
Zetex FMMT589
Q2
Philips BFT25A
Q3
Not Used
Q4
Philips BFT25A(3)
Q5
Philips BFT25A
D1
Panasonic MA862(6)
Notes
1.
The values of R13 is determined by the set-up proce-
dure. See Application Note.
2.
The value of "C9" is determined by the output data rate.
Use 2nF for 512bps, 1nF for 1200bps and 470pF for
2400bps.
3.
R12 & Q4 form a dummy load for the regulator.
Permitted load currents for the regulator are 250µA to
5mA. The 1V regulator (output Pin 23) can be switched
off by connecting Pin 23 directly to VCC2. Q1, Q4, R12
and C12 must then be omitted
4.
L2 is used in the Audio AGC circuit (see Fig.6). For the
characteristics of the Audio AGC current source see
figure 7. If the Audio AGC is not required then the
current source (Pin 28) may be disabled by connecting
Pin 9 (TCADJ) to VR (Pin 6) and by connecting Pin 28
(IAGCOUT) to Vcc1, (R18). The voltage at Pin 8 may
still be used as an RSSI. R9, C8, C14, C19, R17 and
D1 may then be omitted.
5.
L1and C26 form the low noise matching network for the
RF amplifier. The values given are for the RF amplifier
specified in the Applications Circuit with no Audio AGC
connected. i.e. R17 and D1 omitted.
6.
Suggested diode for use with the Audio AGC circuit
(D1 is not included on the general demonstration
circuit).
7.
The value of R11 is dependent on the data output load.
R11 should allow sufficient current to drive the data
output load.


Número de pieza similar - SL6610KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6619KG MITEL-SL6619KG Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619KG ZARLINK-SL6619KG Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6619TP1N MITEL-SL6619TP1N Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

Descripción similar - SL6610KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com