Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGW15H120F2 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STGW15H120F2
Descripción Electrónicos  Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW15H120F2 Datasheet(HTML) 3 Page - STMicroelectronics

  STGW15H120F2 Datasheet HTML 1Page - STMicroelectronics STGW15H120F2 Datasheet HTML 2Page - STMicroelectronics STGW15H120F2 Datasheet HTML 3Page - STMicroelectronics STGW15H120F2 Datasheet HTML 4Page - STMicroelectronics STGW15H120F2 Datasheet HTML 5Page - STMicroelectronics STGW15H120F2 Datasheet HTML 6Page - STMicroelectronics STGW15H120F2 Datasheet HTML 7Page - STMicroelectronics STGW15H120F2 Datasheet HTML 8Page - STMicroelectronics STGW15H120F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID026013 Rev 5
3/17
STGW15H120F2, STGWA15H120F2
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
1200
V
IC
Continuous collector current at TC = 25 °C
30
A
IC
Continuous collector current at TC = 100 °C
15
A
ICP
(1)
1.
Pulse width limited by maximum junction temperature.
Pulsed collector current
60
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total dissipation at TC = 25 °C
259
W
TSTG
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature
-55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
0.58
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W


Número de pieza similar - STGW15H120F2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
More results

Descripción similar - STGW15H120F2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
June 2016 Rev 5
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
February 2017
STGB15H60DF STMICROELECTRONICS-STGB15H60DF Datasheet
1Mb / 23P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
October 2013 Rev 2
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
   Trench gate field-stop IGBT, H series 600 V, 7 A high speed
June 2015 Rev 2
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
   Trench gate field-stop IGBT, H series 600 V, 5 A high speed
May 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com