Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGW45HF60WD Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STGW45HF60WD
Descripción Electrónicos  45 A, 600 V ultra fast IGBT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW45HF60WD Datasheet(HTML) 1 Page - STMicroelectronics

  STGW45HF60WD Datasheet HTML 1Page - STMicroelectronics STGW45HF60WD Datasheet HTML 2Page - STMicroelectronics STGW45HF60WD Datasheet HTML 3Page - STMicroelectronics STGW45HF60WD Datasheet HTML 4Page - STMicroelectronics STGW45HF60WD Datasheet HTML 5Page - STMicroelectronics STGW45HF60WD Datasheet HTML 6Page - STMicroelectronics STGW45HF60WD Datasheet HTML 7Page - STMicroelectronics STGW45HF60WD Datasheet HTML 8Page - STMicroelectronics STGW45HF60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
April 2010
Doc ID 15593 Rev 3
1/12
12
STGW45HF60WD
45 A, 600 V ultra fast IGBT
Features
Improved Eoff at elevated temperature
Low CRES / CIES ratio (no cross-conduction
susceptibility)
Ultra fast soft recovery antiparallel diode
Applications
Welding
High frequency converters
Power factor correction
Description
The “HF” family is based on a new advanced
planar technology concept to yield an IGBT with
more stable switching performance (Eoff) versus
temperature, as well as lower conduction losses.
The “W” series is a subset of products tailored to
high switching frequency operation
(over 100 kHz).
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Table 1.
Device summary (1)
Order code
Marking
Package
Packaging
STGW45HF60WD
GW45HF60WDA
TO-247
Tube
GW45HF60WDB
GW45HF60WDC
1.
Collector-emitter saturation voltage is classified in group A, B and C, see
Table 5: VCE(sat) classification.
STMicroelectronics reserves the right to ship from any group according to production availability.
www.st.com


Número de pieza similar - STGW45HF60WD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
   45 A, 600 V ultra fast IGBT with low drop diode
More results

Descripción similar - STGW45HF60WD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
   45 A - 600 V ultra fast IGBT
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
   45 A, 600 V ultra fast IGBT with low drop diode
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
   30 A, 600 V ultra fast IGBT
Rev 5 November 2008
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
   40 A - 600 V - ultra fast IGBT
July 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com