Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CB3Q3245PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74CB3Q3245PWR
Descripción Electrónicos  8 BIT FET BUS SWITCH 2.5-V/3.3V LOW VOLTAGE HIGH BAND WIDTH BUS SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3245PWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74CB3Q3245PWR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74CB3Q3245
8BIT FET BUS SWITCH
2.5V/3.3V LOW VOLTAGE HIGHBANDWIDTH BUS SWITCH
SCDS124B − JULY 2003 − REVISED NOVEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Bandwidth Data Path
(Up to 500 MHz)
D Equivalent to IDTQS3VH384 Device
D 5-V Tolerant I/Os with Device Powered-Up
or Powered-Down
D Low and Flat ON-State Resistance (ron)
Characteristics Over Operating Range
(ron = 4 Ω Typical)
D Rail-to-Rail Switching on Data I/O Ports
− 0- to 5-V Switching With 3.3-V VCC
− 0- to 3.3-V Switching With 2.5-V VCC
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
(Cio(OFF) = 3.5 pF Typical)
D Fast Switching Frequency
(fOE = 20 MHz Max)
† For additional information regarding the performance
characteristics of the CB3Q family, refer to the TI
application
report,
CBT-C,
CB3T,
and
CB3Q
Signal-Switch Families, literature number SCDA008.
D Data and Control Inputs Provide
Undershoot Clamp Diodes
D Low Power Consumption
(ICC = 1 mA Typical)
D VCC Operating Range From 2.3 V to 3.6 V
D Data I/Os Support 0 to 5-V Signaling Levels
(0.8-V, 1.2-V, 1.5-V, 1.8-V, 2.5-V, 3.3-V, 5-V)
D Control Inputs Can be Driven by TTL or
5-V/3.3-V CMOS Outputs
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Supports Both Digital and Analog
Applications: PCI Interface, Differential
Signal Interface, Memory Interleaving, Bus
Isolation, Low-Distortion Signal Gating
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
NC − No internal connection
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - SN74CB3Q3245PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CB3Q3245PWR TI-SN74CB3Q3245PWR Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWR TI-SN74CB3Q3245PWR Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWRE4 TI-SN74CB3Q3245PWRE4 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWRG4 TI-SN74CB3Q3245PWRG4 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Descripción similar - SN74CB3Q3245PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345_05 Datasheet
687Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_10 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_2 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com