Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8500BEEVDD16 Datasheet(PDF) 4 Page - Analog Microelectronics |
|
AME8500BEEVDD16 Datasheet(HTML) 4 Page - Analog Microelectronics |
4 / 14 page AME, Inc. 4 µµµµµProcessor Supervisory AME8500 / 8501 n Ordering Information Operating Temperature Range Number of Pins Package Type Pin Configuration Special Feature AME8501 x x x x x x x x Output Driver Option Reset Time (T D2NOM) VDD Threshold Voltage (V TH) AME8500 x x x x x x x x A 1. GND E: -40OC to 85OC E: SOT-2X T: 3 A: RESETB /PP A: 1.5 ms 15: VTH= 1.5V L: Low profile (SOT-23) 2. Reset/ F: SOT-89 V: 5 B: RESETB /OD D: 30 ms 16: VTH= 1.6V Y: ResetB C: RESET/ PP E: 150 ms 18: VTH= 1.8V 3. VDD D: RESET/ OD F: 210 ms 19: VTH= 1.9V Z: Lead free B 1. Reset/ 20: VTH= 2.0V (SOT-23) ResetB 21: VTH= 2.1V 2. GND 22: VTH= 2.2V 3. VDD 23: VTH= 2.32V C 1. Reset/ 24: VTH= 2.4V (SOT-23) ResetB 26: VTH= 2.63V 2. VDD 27: VTH= 2.7V 3. GND 28: VTH= 2.8V A 1. GND 29: VTH= 2.93V (SOT-89) 2. VDD 31: VTH= 3.08V 3. Reset/ 40: VTH= 4.0V ResetB 42: VTH= 4.2V B 1. Reset/ 44: VTH= 4.38V (SOT-89) ResetB 46: VTH= 4.63V 2. VDD 3. GND C 1. VDD (SOT-89) 2. GND 3. Reset/ ResetB Lead free & Low profile Output Driver Option Characteristic of RESET or RESETB pin Special Feature Reset Time (TD2NOM) VDD Threshold Voltage (VTH) Package Type Number of Pins Operating Temperature Range Pin Configuration (PP = Push pull out) (RESET = Active High) (RESETB = Active Low) (OD = Open drain output polarity) |
Número de pieza similar - AME8500BEEVDD16 |
|
Descripción similar - AME8500BEEVDD16 |