Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA07-11SRWA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza TA07-11SRWA
Descripción Electrónicos  18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

TA07-11SRWA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TA07-11SRWA Datasheet HTML 1Page - List of Unclassifed Manufacturers TA07-11SRWA Datasheet HTML 2Page - List of Unclassifed Manufacturers TA07-11SRWA Datasheet HTML 3Page - List of Unclassifed Manufacturers TA07-11SRWA Datasheet HTML 4Page - List of Unclassifed Manufacturers TA07-11SRWA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: CDA0874
REV NO: V.1
DATE: NOV/18/2001
PAGE: 2 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Selection Guide
Electrical / Optical Characteristics at T)=25°°°°°C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
D
)
d
c
u
(
v
I)
d
c
u
(
v
I
)
d
c
u
(
v
I
)
d
c
u
(
v
I)
d
c
u
(
v
I
A
m
0
1
@
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
A
W
E
1
1
-
7
0
A
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H0
0
0
30
0
0
8
e
d
o
n
A
n
m
u
l
o
C
A
W
E
1
1
-
7
0
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
1
1
-
7
0
A
T
)
P
a
G
(
N
E
E
R
G0
0
0
30
0
0
8
e
d
o
n
A
n
m
u
l
o
C
A
W
G
1
1
-
7
0
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
Y
1
1
-
7
0
A
T
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y0
0
9
10
0
7
4
e
d
o
n
A
n
m
u
l
o
C
A
W
Y
1
1
-
7
0
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
R
S
1
1
-
7
0
A
T
)
s
A
l
A
a
G
(
D
E
R
T
H
G
I
R
B
R
E
P
U
S0
0
0
80
0
0
4
2
e
d
o
n
A
n
m
u
l
o
C
A
W
R
S
1
1
-
7
0
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
7
2
6
5
6
5
0
9
5
0
6
6
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
2
6
8
6
5
8
8
5
0
4
6
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
4
0
3
5
3
0
2
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
1
5
1
0
2
5
4
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
0
.
2
2
.
2
1
.
2
5
8
.
1
5
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V


Número de pieza similar - TA07-11SRWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
TA07-11SRWA KINGBRIGHT-TA07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
More results

Descripción similar - TA07-11SRWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
TC07-11 KINGBRIGHT-TC07-11 Datasheet
133Kb / 5P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
TA07-11EWA KINGBRIGHT-TA07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11YWA KINGBRIGHT-TC07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11SRWA KINGBRIGHT-TC07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11SRWA KINGBRIGHT-TA07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11PBWA KINGBRIGHT-TC07-11PBWA Datasheet
86Kb / 3P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11YWA KINGBRIGHT-TA07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11GWA KINGBRIGHT-TA07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11EWA KINGBRIGHT-TC07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11GWA KINGBRIGHT-TC07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com