Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1227 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza TC1227
Descripción Electrónicos  Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1227 Datasheet(HTML) 5 Page - Microchip Technology

  TC1227 Datasheet HTML 1Page - Microchip Technology TC1227 Datasheet HTML 2Page - Microchip Technology TC1227 Datasheet HTML 3Page - Microchip Technology TC1227 Datasheet HTML 4Page - Microchip Technology TC1227 Datasheet HTML 5Page - Microchip Technology TC1227 Datasheet HTML 6Page - Microchip Technology TC1227 Datasheet HTML 7Page - Microchip Technology TC1227 Datasheet HTML 8Page - Microchip Technology TC1227 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
TC1225
TC1226
TC1227
TC1225/6/7-1
3/24/00
Inverting Dual (–VIN, –2VIN)
Charge Pump Voltage Converters
© 2001 Microchip Technology Inc.
DS21369A
Dual Voltage Inverter
The most common application for the TC1225/1226/
1227 devices is the dual voltage inverter (Figure 2). This
application uses four external capacitors: C1, C2, COUT1,
and COUT2 (NOTE: a power supply bypass capacitor is
recommended). The outputs are equal to – VIN and –2VIN
plus any voltage drops due to loading. Refer to Tables 1a,
1b, 2a, and 2b for capacitor selection guidelines.
Figure 2. Dual Voltage Inverter Test Circuit
Layout Considerations
As with any switching power supply circuit good layout
practice is recommended. Mount components as close
together as possible to minimize stray inductance and
capacitance. Also use a large ground plane to minimize
noise leakage into other circuitry.
TC1225 DEMO CARD
The TC1225 DEMO Card is a 2.0” x 2.0” card containing
both a TC1225 and two cascaded TCM828s that allow the
user to compare the operation of each approach for gener-
ating a –1X and –2X function. Each circuit is fully assembled
with the required external capacitors along with variable
load resistors that allow the user to vary the output load
current of each stage. For convenience, several test points
and jumpers are available for measuring various voltages
and currents on the demo board.
Figure 3 is a schematic of the TC1225 DEMO Card, and
Figure 4 shows the assembly drawing and artwork for the
board. Table 3 lists the voltages that are monitored by the
test points and Table 4 lists the currents that can be
measured using the jumpers.
Table 3. TC1225 DEMO Card Test Points
TEST POINT
VOLTAGE MEASUREMENT
TP1
VIN [+5V]
TP2
GROUND
TP3
GROUND
TP4
TCM828 U1 OUTPUT [-5V(1)]
TP5
TCM828 U2 OUTPUT [-10V(1)]
TP6
TC1225 STAGE 1 OUTPUT [-5V(2)]
TP7
TC1225 STAGE 2 OUTPUT [-10V(2)]
Table 4. TC1225 DEMO Card Jumpers
JUMPER
CURRENT MEASUREMNT
J1
DUAL TCM828 QUIESCENT CURRENT
J2
TC1225 QUIESCENT CURRENT
J3
TCM828 U1 [-5V(1)] LOAD CURRENT
J4
TCM828 U2 [-10V(1)] LOAD CURRENT
J5
TC1225 STAGE 1 [-5V(2)] LOAD CURRENT
J6
TC1225 STAGE 2 [-10V(2)] LOAD CURRENT
C1
C2
V
IN
C
IN
R
L1
V
OUT1
V
OUT2
R
L2
–V
IN
V
IN
C
OUT1
C
OUT2
–2V
IN
TC1225
TC1226
TC1227
C1–
C2–
2
1
7
6
8
4
5
3
C1+
C2+
GND
Device
CIN
C1
C2
COUT1
COUT2
TC1225
3.3
µF 3.3µF
1
µF
3.3
µF
1
µF
TC1226
1
µF
1
µF 0.33µF
1
µF
0.33
µF
TC1227
0.33
µF 0.33µF
0.1
µF 0.33µF
0.1
µF


Número de pieza similar - TC1227

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1220 MICROCHIP-TC1220 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1220ECH MICROCHIP-TC1220ECH Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results

Descripción similar - TC1227

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com