Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1227 Datasheet(PDF) 8 Page - Microchip Technology |
|
TC1227 Datasheet(HTML) 8 Page - Microchip Technology |
8 / 9 page 8 Inverting Dual (–VIN, –2VIN) Charge Pump Voltage Converters TC1225 TC1226 TC1227 TC1225/6/7-1 3/24/00 © 2001 Microchip Technology Inc. DS21369A PACKAGE DIMENSIONS Dimensions: inches (mm) 8-Pin MSOP .122 (3.10) .114 (2.90) .122 (3.10) .114 (2.90) .043 (1.10) MAX. .006 (0.15) .002 (0.05) .016 (0.40) .010 (0.25) .197 (5.00) .189 (4.80) .008 (0.20) .005 (0.13) .028 (0.70) .016 (0.40) 6 ° MAX. .026 (0.65) TYP. PIN 1 TAPING FORM PIN 1 PIN 1 Component Taping Orientation for 8-Pin MSOP Devices User Direction of Feed User Direction of Feed Standard Reel Component Orientation for TR Suffix Device Reverse Reel Component Orientation for RT Suffix Device W P Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 8-Pin MSOP 12 mm 8 mm 2500 13 in Carrier Tape, Number of Components Per Reel and Reel Size |
Número de pieza similar - TC1227 |
|
Descripción similar - TC1227 |