Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1226EUA Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC1226EUA
Descripción Electrónicos  Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1226EUA Datasheet(HTML) 4 Page - Microchip Technology

  TC1226EUA Datasheet HTML 1Page - Microchip Technology TC1226EUA Datasheet HTML 2Page - Microchip Technology TC1226EUA Datasheet HTML 3Page - Microchip Technology TC1226EUA Datasheet HTML 4Page - Microchip Technology TC1226EUA Datasheet HTML 5Page - Microchip Technology TC1226EUA Datasheet HTML 6Page - Microchip Technology TC1226EUA Datasheet HTML 7Page - Microchip Technology TC1226EUA Datasheet HTML 8Page - Microchip Technology TC1226EUA Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Inverting Dual (–VIN, –2VIN)
Charge Pump Voltage Converters
TC1225
TC1226
TC1227
TC1225/6/7-1 3/24/00
© 2001 Microchip Technology Inc.
DS21369A
The internal switch resistance for the first stage (i.e.
RSWITCH1) is approximately 3Ω and the switch resistance for
the second stage (i.e. RSWITCH2) is approximately 7Ω.
The losses in the circuit due to factor (4) above are also
shown in Equation 2a for stage 1 and Equation 2b for stage
2. The output voltage ripple for stage 1 is given by Equation
3a and the output voltage ripple for stage 2 is given by
Equation 3b.
PLOSS1 (4) = [ (0.5)(C1)(VIN
2 – VOUT12 ) + (0.5)
(COUT1) (VRIPPLE1
2 - 2VOUT1 VRIPPLE1) ] x fOSC
Equation 2a.
PLOSS2 (4) = [ (0.5) (C2) (VIN
2 – VOUT22 ) + (0.5)
(COUT2) (VRIPPLE2
2 - 2VOUT2 VRIPPLE2) ] x fOSC
Equation 2b.
VRIPPLE1 = [ IOUT1 / (fOSC) (COUT1) ] + 2 (IOUT1)
(ESRCOUT1)
Equation 3a.
VRIPPLE2 = [ IOUT2 / (fOSC) (COUT2) ] + 2 (IOUT2)
(ESRCOUT2)
Equation 3b.
Capacitor Selection
In order to maintain the lowest output resistance and
output ripple voltage, it is recommended that low ESR
capacitors be used. Additionally, larger values of C1 and C2
will lower the output resistance and larger values of COUT1
and COUT2 will reduce output ripple. (See Equations 1a, 1b,
3a, and 3b). NOTE: For proper charge pump operation,
C1 and COUT1 must have a voltage rating greater than or
equal to VIN, while C2 and COUT2 must have a voltage
rating greater than or equal to 2VIN.
Table 1a shows various values of C1 and the corre-
sponding output resistance values for VIN=5V @ +25°C for
stage 1 and Table 1b shows various values of C2 and the
corresponding output resistance values for VIN=5V @ +25°C
for stage 2. It assumes a 0.1
Ω ESRC1, a 0.1Ω ESRC2, a 3Ω
RSWITCH1, and a 7Ω RSWITCH2.
Table 2a shows the output voltage ripple for various
values of COUT1 and Table 2b shows the output voltage
ripple for various values of COUT2 (again assuming VIN=5V
@ +25
oC). The V
RIPPLE1 values assume a 3mA output load
current for stage 1 and a 0.1
Ω ESRCOUT1. The VRIPPLE2
values assume a 200uA output load current for stage 2 and
a 0.1
Ω ESRCOUT1.
Input Supply Bypassing
TheVIN input should be capacitively bypassed to reduce
AC impedance and minimize noise effects due to the switch-
ing internal to the device. It is recommended that a large
value capacitor (at least equal to C1) be connected from VIN
to GND for optimal circuit performance.
Table 1a. Output Resistance vs. C1 (ESR = 0.1
Ω). For Stage 1
C1 (
µF) TC1225 R
OUT (
) TC1226 R
OUT (
) TC1227 R
OUT (
)
0.47
202
85
42
1
108
53
33
3.3
50
33
27
Table 1b. Output Resistance vs. C2 (ESR = 0.1
Ω). For Stage 2
C2 (
µF) TC1225 ROUT () TC1226 ROUT () TC1227 ROUT ()
0.1
890
342
137
0.47
239
117
74
1
140
85
65
Table 2a. Output Voltage Ripple vs. COUT1 (ESR = 0.1Ω) For Stage 1
(IOUT1 = 3mA)
COUT1
TC1225 VRIPPLE1
TC1226 VRIPPLE1
TC1227 VRIPPLE1
(
µF)
(mV)
(mV)
(mV)
0.47
533
183
52
1
251
86
25
3.3
76
27
8
Table 2b. Output Voltage Ripple vs. COUT2 (ESR = 0.1Ω) For Stage 2
(IOUT2 = 200
µA)
COUT2
TC1225 VRIPPLE2
TC1226 VRIPPLE2
TC1227 VRIPPLE2
(
µF)
(mV)
(mV)
(mV)
0.1
167
57
16
0.47
36
12
3.4
1
17
5.8
1.6


Número de pieza similar - TC1226EUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1220 MICROCHIP-TC1220 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1220ECH MICROCHIP-TC1220ECH Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results

Descripción similar - TC1226EUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com