Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1227EUA Datasheet(PDF) 1 Page - Microchip Technology

No. de pieza TC1227EUA
Descripción Electrónicos  Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1227EUA Datasheet(HTML) 1 Page - Microchip Technology

  TC1227EUA Datasheet HTML 1Page - Microchip Technology TC1227EUA Datasheet HTML 2Page - Microchip Technology TC1227EUA Datasheet HTML 3Page - Microchip Technology TC1227EUA Datasheet HTML 4Page - Microchip Technology TC1227EUA Datasheet HTML 5Page - Microchip Technology TC1227EUA Datasheet HTML 6Page - Microchip Technology TC1227EUA Datasheet HTML 7Page - Microchip Technology TC1227EUA Datasheet HTML 8Page - Microchip Technology TC1227EUA Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC1225/6/7-1
3/24/00
TC1225
TC1226
TC1227
© 2001 Microchip Technology Inc.
DS21369A
Inverting Dual (–VIN, –2VIN) Charge Pump Voltage Converters
FEATURES
s
Small 8-Pin MSOP Package
s
Operates from 1.8V to 5.5V
s
Up to 5mA Output Current at –VIN Pin
s
Up to 1mA Output Current at –2VIN Pin
s
–VIN and –2VIN Outputs Available
s
Low Supply Current
.......................................... 120
µA (MAX) for TC1225
.......................................... 360
µA (MAX) for TC1226
.......................................... 1.5mA (MAX) for TC1227
TYPICAL APPLICATIONS
s
LCD Panel Bias
s
Cellular Phones PA Bias
s
Pagers
s
PDAs, Portable Data loggers
s
Battery Powered Devices
GENERAL DESCRIPTION
The TC1225/1226/1227 are CMOS dual inverting charge
pump voltage converters in 8-Pin MSOP packages. An on-
board oscillator provides the clock, and only four external
capacitors are required for full circuit implementation. Switch-
ing frequencies are 12kHz for the TC1225, 35kHz for the
TC1226, and 125kHz for the TC1227.
These devices provide both a negative voltage inversion
(available at the –VIN output) and a negative doubling
voltage inversion (available at the –2 VIN output), with a low
output impedance capable of providing output currents up to
5mA for the –VIN output and 1mA for the –2VIN output. The
input voltage can range from +1.8V to +5.5V.
ORDERING INFORMATION
Part No.
Package Osc Freq (kHz) Temp Range
TC1225EUA
8-Pin MSOP
12
–40
°C to +85°C
TC1226EUA
8-Pin MSOP
35
–40
°C to +85°C
TC1227EUA
8-Pin MSOP
125
–40
°C to +85°C
TYPICAL OPERATING CIRCUIT
C1+
C2+
VIN
–VIN
C1–
C2
C2–
C1
TC1225
TC1226
TC1227
COUT1
–2 VIN
+
+
+
+
– COUT2
OUTPUT 1
OUTPUT 2
INPUT
GND
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TC1225
TC1226
TC1227
–2VIN
–VIN
VIN
C2–
GND
C1–
C1+
C2+
8-Pin MSOP
Notes:
1) C1 and COUT1 must have a voltage rating greater
than or equal to VIN
2) C2 and COUT2 must have a voltage rating greater
than or equal to 2VIN


Número de pieza similar - TC1227EUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1220 MICROCHIP-TC1220 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1220ECH MICROCHIP-TC1220ECH Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results

Descripción similar - TC1227EUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com