Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1227EUA Datasheet(PDF) 2 Page - Microchip Technology

No. de pieza TC1227EUA
Descripción Electrónicos  Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1227EUA Datasheet(HTML) 2 Page - Microchip Technology

  TC1227EUA Datasheet HTML 1Page - Microchip Technology TC1227EUA Datasheet HTML 2Page - Microchip Technology TC1227EUA Datasheet HTML 3Page - Microchip Technology TC1227EUA Datasheet HTML 4Page - Microchip Technology TC1227EUA Datasheet HTML 5Page - Microchip Technology TC1227EUA Datasheet HTML 6Page - Microchip Technology TC1227EUA Datasheet HTML 7Page - Microchip Technology TC1227EUA Datasheet HTML 8Page - Microchip Technology TC1227EUA Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Inverting Dual (–VIN, –2VIN)
Charge Pump Voltage Converters
TC1225
TC1226
TC1227
TC1225/6/7-1 3/24/00
© 2001 Microchip Technology Inc.
DS21369A
PIN DESCRIPTION
Pin Number
Name
Description
1
C1–
C1 Commutation Capacitor Negative Terminal.
2
C2+
C2 Commutation Capacitor Positive Terminal.
3
C2–
C2 Commutation Capacitor Negative Terminal.
4
–2VIN
Doubling Inverting Charge Pump Output (–2 x VIN).
5
GND
Ground.
6VIN
Positive Power Supply Input.
7
C1+
C1 Commutation Capacitor Positive Terminal.
8–VIN
Inverting Charge Pump Output (–1 x VIN).
ABSOLUTE MAXIMUM RATINGS*
Input Voltage (VIN to GND) ......................... +6.0V, – 0.3V
Output Voltage (–VIN, –2VIN to GND) ........ –12.0V, + 0.3V
Current at –VIN, –2VIN Pins ...................................... 10mA
Short-Circuit Duration –VIN, –2VIN to GND ........ Indefinite
Operating Temperature Range ............... – 40
°C to +85°C
Power Dissipation (TA ≤ 70°C) MSOP-8 ............... 320mW
Storage Temperature (Unbiased) ......... – 65
°C to +150°C
Lead Temperature (Soldering, 10sec) .................. +260
°C
*This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: TA = –40°C to +85°C, VIN = +5V, C1 = 3.3µF, C2 = 1µF (TC1225); C1 = 1µF,
C2 = 0.33
µF (TC1226); C1 = 0.33µF, C2 = 0.1µF (TC1227) unless otherwise noted. Typical values are at TA = +25°C.
Symbol Parameter
Device
Test Conditions
Min
Typ
Max
Unit
IDD
Supply Current
TC1225
75
120
µA
TC1226
200
360
TC1227
625
1500
VMIN
Minimum Supply Voltage All
RLOAD = 1kΩ for –VIN output
1.8
V
RLOAD = 10kΩ for –2VIN output
VMAX
Maximum Supply Voltage All
RLOAD = 1kΩ for –VIN output
5.5
V
RLOAD = 10kΩ for –2VIN output
FOSC
Oscillator Frequency
TC1225
8.4
12
15.6
kHz
TC1226
24.5
35
45.5
TC1227
65
125
170
VEFF1
Voltage Conversion
All
RLOAD = ∞ for –VIN output
96
99.5
%
Efficiency (Stage 1)
RLOAD = ∞ for –2VIN output
VEFF2
Voltage Conversion
All
RLOAD = ∞ for –VIN output
94
99
%
Efficiency (Stage 2)
RLOAD = ∞ for –2VIN output
ROUT1
Output Resistance
All
ILOAD = 0.5mA to 5mA
45
80
for –VIN output (Note 1)
No Load at -2VIN Output
ROUT2
Output Resistance
All
ILOAD = 0.1mA to 1mA
135
420
for –2VIN output (Note 1)
No Load at -VIN Output
NOTES: 1. Capacitor contribution is approximately 20% of the output impedance [ESR = 1/ pump frequency x capacitance)].


Número de pieza similar - TC1227EUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1220 MICROCHIP-TC1220 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1220ECH MICROCHIP-TC1220ECH Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
More results

Descripción similar - TC1227EUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Linear Technology
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
   Low Noise Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com