Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2016D2RTJR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2016D2RTJR
Descripción Electrónicos  2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2016D2RTJR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA2016D2RTJR Datasheet HTML 7Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 8Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 9Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 10Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 11Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 12Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 13Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 14Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TPA2016D2
IN+
IN–
OUT+
OUT–
V
DD
V
DD
GND
C
I
C
I
Measurement
Output
+
+
Load
30kHz
Low-Pass
Filter
Measurement
Input
+
1 F
m
1
0.5
0.75
0.25
0
-0.25
-0.5
-0.75
-1
0
400m
200m
600m
800m
1m
1.2m
1.6m
1.4m
1.8m
2m
t-Time-s
Output
SWS
Disable
1
0.5
0.75
0.25
0
-0.25
-0.5
-0.75
-1
0
2m
1m
3m
4m
5m
6m
8m
7m
9m
10m
t-Time-s
Output
SWSEnable
VCC − SupplyVoltage − V
0.0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
THD=1%
THD=10%
f
=1kHz
IN
Gain=6dB
R =8
+33 H
WCSP
L
W
m
VCC − SupplyVoltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
fIN =1kHz
Gain=6dB
QFN
THD=1%,8 Ω
THD=10%,8 W
THD=10%,4 W
THD=1%,4 W
11
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
with C(DECOUPLE) = 1 μF, CI = 1 µF.
Figure 21. Output Power vs Supply Voltage
Figure 22. Output Power vs Supply Voltage
Figure 23. Shutdown Time
Figure 24. Start-Up Time
8 Parameter Measurement Information
All parameters are measured according to the conditions described in Specifications. Figure 25 shows the setup
used for the typical characteristics of the test device.
(1)
All measurements were taken with a 1-
μF CI (unless otherwise noted.)
(2)
A 33-
μH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required, even if the analyzer has an internal low-pass filter. An RC low-pass filter (1 k
4.7 nF) is used on each output for the data sheet graphs.
(4)
All THD + N graphs are taken with outputs out of phase (unless otherwise noted). All data is taken on left channel.
(5)
All data is taken on the DSBGA package unless otherwise noted.
Figure 25. Test Setup for Graphs


Número de pieza similar - TPA2016D2RTJR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
More results

Descripción similar - TPA2016D2RTJR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
Fangtek Ltd.
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
   2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com