Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPA2016D2YZHT Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TPA2016D2YZHT Datasheet(HTML) 9 Page - Texas Instruments |
9 / 46 page PO − Output Power − W 0.01 0.1 1 3 100 1 0.1 0.01 G010 Gain = 6 dB RL = 8 Ω + 33 µH f = 1 kHz 10 VSupply = 3.6 V VSupply = 5 V PO − OutputPower − W 0.01 0.1 1 3 100 1 0.1 0.01 10 VDD =2.5V VDD =3.6V VDD =5V Gain=6dB R =4 +33 H QFNOnly L W m f − Frequency − Hz 20 100 1k 20k 10 0.1 0.01 0.001 G009 Gain = 6 dB RL = 8 Ω + 33 µH VSupply = 5 V 1 10k PO = 0.5 W PO = 0.1 W PO = 1 W −80 −70 −60 −50 −40 −30 −20 −10 0 f − Frequency − Hz G011 Gain = 6 dB RL = 8 Ω + 33 µH Right Channel 20 100 1k 20k 10k VCC = 3.6 V VCC = 2.5 V VCC = 5 V f − Frequency − Hz 20 100 1k 20k 10 0.1 0.01 0.001 G008 Gain = 6 dB RL = 8 Ω + 33 µH VSupply = 3.6 V 1 10k PO = 0.25 W PO = 0.5 W PO = 0.05 W Input Level − dBV −50 −40 −30 −20 −10 0 10 20 −70 −50 −30 −10 10 G007 Compression Ratio = 1:1 Compression Ratio = 2:1 Compression Ratio = 4:1 Compression Ratio = 8:1 Limiter Level = 9 dBV RL = 8 Ω + 33 µH VSupply = 5 V Fixed Gain = 0 dB Max Gain = 30 dB 9 TPA2016D2 www.ti.com SLOS524E – JUNE 2008 – REVISED MAY 2016 Product Folder Links: TPA2016D2 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Typical Characteristics (continued) with C(DECOUPLE) = 1 μF, CI = 1 µF. Figure 9. Output Level vs Input Level Figure 10. Total Harmonic Distortion + Noise vs Frequency Figure 11. Total Harmonic Distortion + Noise vs Frequency Figure 12. Supply Ripple Rejection Ratio Figure 13. Total Harmonic Distortion + Noise vs Output Power Figure 14. Total Harmonic Distortion + Noise vs Output Power |
Número de pieza similar - TPA2016D2YZHT |
|
Descripción similar - TPA2016D2YZHT |