Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68EN360 Datasheet(PDF) 7 Page - ATMEL Corporation

No. de pieza TS68EN360
Descripción Electrónicos  32-bitQuad Integrated Communication Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68EN360 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS68EN360 Datasheet HTML 3Page - ATMEL Corporation TS68EN360 Datasheet HTML 4Page - ATMEL Corporation TS68EN360 Datasheet HTML 5Page - ATMEL Corporation TS68EN360 Datasheet HTML 6Page - ATMEL Corporation TS68EN360 Datasheet HTML 7Page - ATMEL Corporation TS68EN360 Datasheet HTML 8Page - ATMEL Corporation TS68EN360 Datasheet HTML 9Page - ATMEL Corporation TS68EN360 Datasheet HTML 10Page - ATMEL Corporation TS68EN360 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
7
TS68EN360
2113A–HIREL–03/02
Bus Control
Data and Size
Acknowledge
DSACK1 - DSACK0
Provides asynchronous data transfer acknowledgement and
dynamic bus sizing (open-drain I/O but driven high before
three-stated).
Address Strobe
AS
Indicates that a valid address is on the address bus. (I/O)
Data Strobe
DS
During a read cycle, DS indicates that an external device
should place valid data on the data bus. During a write cycle,
DS indicates that valid data is on the data bus. (I/O)
Size
SIZ1-SIZ0
Indicates the number of bytes remaining to be transferred for
this cycle. (I/O)
Read/Write
R/W
Indicates the direction of data transfer on the bus. (I/O)
Output Enable Address
Multiplex
OE/AMUX
Active during a read cycle indicates that an external device
should place valid data on the data bus (O) or provides a
strobe for external address multiplexing in DRAM accesses
if internal multiplexing is not used. (O)
Interrupt
Control
Interrupt Request
Level 7-1
IRQ7-IRQ1
Provides external interrupt requests to the CPU32+ at
priority levels 7-1. (I)
Autovector/Interrupt
Acknowledge 5
AVEC/IACK5
Autovector request during an interrupt acknowledge cycle
(open-drain I/O) or interrupt level 5 acknowledge line. (O)
System
Control
Soft Reset
RESETS
Soft system reset. (open-drain I/O)
Hard Reset
RESETH
Hard system reset. (open-drain I/O)
Halt
HALT
Suspends external bus activity. (open-drain I/O)
Bus Error
BERR
Indicates an erroneous bus operation is being attempted.
(open-drain I/O)
Clock and Test
System Clock Out 1
CLKO1
Internal system clock output 1. (O)
System Clock Out 2
CLKO2
Internal system clock output 2 - normally 2x CLKO1. (O)
Crystal Oscillator
EXTAL, XTAL
Connections for an external crystal to the internal oscillator
circuit. EXTAL (I), XTAL (O).
External Filter Capacitor
XFC
Connection pin for an external capacitor to filter the circuit of
the PLL. (I)
Clock Mode Select 1-0
MODCK1-MODCK0
Selects the source of the internal system clock. (I) THESE
PINS SHOULD NOT BE SET TO 00
Instruction Fetch/
Development Serial Input
IFETCH/DSI
Indicates when the CPU32+ is performing an instruction
word prefetch (O) or input to the CPU32+ background debug
mode. (I)
Instruction Pipe 0/
Development Serial
Output
IPIPE0/DSO
Used to track movement of words through the instruction
pipeline (O) or output from the CPU32+ background debug
mode. (O)
Instruction Pipe 1/Row
Address Select 1
Double-Drive
IPIPE1/RAS1DD
Used to track movement of words through the instruction
pipeline (O), or a row address select 1 “double-drive” output
(O).
Breakpoint/Development
Serial Clock
BKPT/DSCLK
Signals a hardware breakpoint to the QUICC (open-drain
I/O), or clock signal for CPU32+ background debug mode (I).
Freeze/Initial
Configuration 2
FREEZE/CONFIG2
Indicates that the CPU32+ has acknowledged a breakpoint
(O), or initial QUICC configuration select (I).
Table 1. System Bus Signal Index (Normal Operation) (Continued)
Group
Signal Name
Mnemonic
Function


Número de pieza similar - TS68EN360

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com