Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STBB1-AXX Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STBB1-AXX
Descripción Electrónicos  Buck-boost DC-DC converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1-AXX Datasheet(HTML) 1 Page - STMicroelectronics

  STBB1-AXX Datasheet HTML 1Page - STMicroelectronics STBB1-AXX Datasheet HTML 2Page - STMicroelectronics STBB1-AXX Datasheet HTML 3Page - STMicroelectronics STBB1-AXX Datasheet HTML 4Page - STMicroelectronics STBB1-AXX Datasheet HTML 5Page - STMicroelectronics STBB1-AXX Datasheet HTML 6Page - STMicroelectronics STBB1-AXX Datasheet HTML 7Page - STMicroelectronics STBB1-AXX Datasheet HTML 8Page - STMicroelectronics STBB1-AXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
October 2014
DocID022197 Rev 4
1/24
This is information on a product in full production.
www.st.com
STBB1-AXX
1 A, high efficiency single inductor dual mode
buck-boost DC-DC converter
Datasheet - production data
Features
Buck-boost DC-DC converter
Operating input voltage range from
2.0 V to 5.5 V
2% DC feedback voltage tolerance
Synchronous rectification
Shutdown function
1.5 MHz switching frequency
Power save mode at light load
Typical efficiency: > 94%
1 A output current capability
Shutdown current < 1 µA
Available in DFN10 (3x3 mm)
Applications
Single cell Li-Ion and 3 cells alkaline, Ni-MH
powered devices
SD/MMC memory card supply
Palmtop computers
Cell phones
Digital cameras
Description
The STBB1-AXX is a fixed frequency, high
efficiency, buck-boost DC-DC converter able to
provide output voltages ranging from 1.2 V to
5.5 V and input voltages from 2.0 V to 5.5 V.
The device can operate with input voltages
higher than, equal to, or lower than the output
voltage making the product suitable for single
lithium-Ion, multicell alkaline or NiMH applications
where the output voltage is within the battery
voltage range.
The integrated low-RDS(on) N-channel and
P-channel MOSFET switches contribute to its
high efficiency. The mode pin allows the selection
between auto mode and forced PWM mode thus
taking benefit either of lower power consumption
or better dynamic performance. The device also
includes soft-start control, thermal shutdown and
current limit. The STBB1-AXX is packaged in
DFN10 (3x3 mm).
Table 1: Device summary
Order code
Package
Packing
STBB1-APUR
DFN10 (3x3 mm)
Tape and reel


Número de pieza similar - STBB1-AXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
More results

Descripción similar - STBB1-AXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com