Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD12S016 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD12S016
Descripción Electrónicos  HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD12S016 Datasheet HTML 4Page - Texas Instruments TPD12S016 Datasheet HTML 5Page - Texas Instruments TPD12S016 Datasheet HTML 6Page - Texas Instruments TPD12S016 Datasheet HTML 7Page - Texas Instruments TPD12S016 Datasheet HTML 8Page - Texas Instruments TPD12S016 Datasheet HTML 9Page - Texas Instruments TPD12S016 Datasheet HTML 10Page - Texas Instruments TPD12S016 Datasheet HTML 11Page - Texas Instruments TPD12S016 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TPD12S016
SLLSE96F – SEPTEMBER 2011 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE LEVEL SHIFTER – CEC LINE (x_A AND x_B PORTS)
VCCA = 1.1 V
VOHA
IOH = –20 μA
VI = VIH
VCCA × 0.80
V
to 3.6 V
VCCA = 1.1 V
VOLA
IOL = 20 µA
VI = VIL
VCCA × 0.17
V
to 3.6 V
VOHB
IOH = –20 μA
VI = VIH
V3P3 × 0.80
V
VOLB
IOL = 3 mA
VI = VIL
0.4
V
ΔVT
Hysteresis at the Sxx_A (VT+ – VT–)
VCCA = 1.1 V to 3.6 V
40
mV
ΔVT
Hysteresis at the Sxx_B (VT+ – VT–)
VCCA = 1.1 V to 3.6 V
300
mV
CEC_A
Pull-up connected to VCCA rail
10
RPU
(Internal pullup)
k
Ω
CEC_B
Pull-up connected to 3.3 V rail
22
26
30
A port
VCCA = 0 V, VI or VO = 0 to 3.6 V
VCCA = 0 V
±5
Ioff
μA
VCCA = 0 V to
B port
5VOUT = 0 V, VI or VO = 0 to 5.5 V
±1.8
3.6 V
VCCA = 1.1 V
B port
VO = VCCO or GND
±5
to 3.6 V
IOZ
μA
VCCA = 1.1 V
A port
VI = VCCI or GND
±5
to 3.6 V
VOLTAGE LEVEL SHIFTER – HPD LINE (x_A AND x_B PORTS)
VCCA = 1.1 V
VOHA
IOH = –3 mA
VI = VIH
VCCA × 0.07
V
to 3.6 V
VCCA = 1.1 V
VOLA
IOL = 3 mA
VI = VIL
0.4
V
to 3.6 V
ΔVT
Hysteresis (VT+ – VT–)
VCCA = 1.1 V to 3.6 V
400
mV
RPD
(Internal pulldown resistor)
HPD_B
Pull-down connected to GND
11
k
Ω
Ioff
A port
VO = VCCO or GND
VCCA = 0 V
±5
μA
IOZ
A port
VI = VCCO or GND
VCCA = 3.6 V
±5
μA
LS_OE, CT_CP_HPD
II
VI = VCCA or GND
VCCA = 1.1 V to 3.6 V
±12
μA
I/O CAPACITANCES
CI
Control inputs
VI = 1.89 V or GND
VCCA = 1.1 to 3.6 V; ƒ = 1 MHz
7.1
pF
VO = 1.89 V or
A port
VCCA = 1.1 to 3.6 V; ƒ = 1 MHz
8.3
pF
GND
CIO
B port
VO = 5.0 V or GND
V5VOUT = 5.0 V; ƒ = 1 MHz
15
pF
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPD12S016


Número de pieza similar - TPD12S016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016RKTR TI1-TPD12S016RKTR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
More results

Descripción similar - TPD12S016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com