Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST1-24S15LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

No. de pieza ST1-24S15LF
Descripción Electrónicos  Input Filter With Internal Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

ST1-24S15LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  ST1-24S15LF Datasheet HTML 1Page - Bothhand USA, LP. ST1-24S15LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
Input Filter With Internal Capacitor
Lead Frame & Injection Technology
High Efficiency Up to 83%
Input / Output Isolation 1.5K Vdc
100% Burn-In
Un-Regulated type
Net Weight : 1.6 g / 2.1 g Typical
Custom Design Available
Technical Specification(1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) Single Output Series
ST1-05S3R3 LF
3.3
200
22
171
60
± 12
77
ST1-05S05 LF
5
200
25
246
60
± 8
81
ST1-05S09 LF
9
110
23
254
70
± 8
78
ST1-05S12 LF
12
84
25
252
100
± 8
80
ST1-05S15 LF
5
15
67
28
248
120
± 8
81
ST1-12S3R3 LF
3.3
200
12
73
60
± 12
75
ST1-12S05 LF
5
200
15
100
60
± 8
81
ST1-12S09 LF
9
110
15
105
70
± 8
78
ST1-12S12 LF
12
84
15
103
100
± 6
81
ST1-12S15 LF
12
15
67
14
100
120
± 6
83
ST1-24S3R3 LF
3.3
200
6
44
60
± 8
67
ST1-24S05 LF
5
200
7
63
60
± 5
71
ST1-24S09 LF
9
110
6
60
70
± 5
73
ST1-24S12 LF
12
84
8
58
100
± 5
76
ST1-24S15 LF
24
15
67
8
58
120
± 5
77
Mechanical Dimensions (1/2):
Single Output Series
ST1-05S05 LF
Date Code
1
7
14
8
12.80
(0.50)
8.20
(0.32)
2.54
(0.10)
7.62
(0.30)
7.25
(0.29)
0.60
(0.02)
7.00
(0.28)
0.25
(0.01)
1.50
(0.06)
0°~10°
Pin
Single
Pin
1
-Vin
NA
14
3
+Vin
NA
12
5
NA
NA
10
7
-Vo
+Vo
8
ST1 LF Series
1W Isolated DC/DC Converter
22
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Número de pieza similar - ST1-24S15LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
ST1-24S15LF BOTHHAND-ST1-24S15LF Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
More results

Descripción similar - ST1-24S15LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CSS555C ETC-CSS555C Datasheet
189Kb / 13P
   Micropower Timer (with Internal Timing Capacitor)
Version 1.1, May 2009
logo
SynQor Worldwide Headqu...
NQ04T33VMA16 SYNQOR-NQ04T33VMA16 Datasheet
1Mb / 20P
   On-board input and output filter capacitor
logo
STMicroelectronics
STEVAL-CCA004V1 STMICROELECTRONICS-STEVAL-CCA004V1 Datasheet
95Kb / 4P
   Internal reconstruction filter
logo
SCHOTT CORPORATION
39812 SCHOTT-39812 Datasheet
37Kb / 1P
   INTERNAL RINGING FILTER
logo
Laird Tech Smart Techno...
BL652-SA LSTD-BL652-SA Datasheet
2Mb / 69P
   Input with active low logic. Internal pull down
logo
Leshan Radio Company
LR4558 LRC-LR4558_12 Datasheet
255Kb / 7P
   Internal Frequency Compensation High Input Resistance with 5MTypical
logo
Powerbox
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
   AUTORANGING AC INPUT WITH FILTER
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
[Old version datasheet]   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
National Semiconductor ...
LM4906 NSC-LM4906 Datasheet
468Kb / 15P
   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Texas Instruments
LM4906 TI1-LM4906_14 Datasheet
1Mb / 21P
[Old version datasheet]   1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com