Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT54ADW_R1_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc. |
|
BAT54ADW_R1_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc. |
2 / 4 page PAGE . 2 May 17,2017REV.08 BAT54TW / ADW / CDW / SDW / DW / BRW ELECTRICAL CHARACTERISTICS (each diode) (TA=25OC, unless otherwise noted) Parameter Symbol Test Condition MIN. TYP. MAX. Units Reverse Breakdown Voltage V(BR) I R=100 μA30 - - V Reverse Current I R VR=25 V- - 2 μA Forward Voltage VF I F=0.1mA I F=1mA I F=10mA I F=30mA I F=100mA - - - - - - - - - - 0.24 0.32 0.4 0.5 0.6 V Total Capacitance CT VR=1V, f=1MHZ - - 10 pF TYPICAL CHARACTERISTIC CURVES Fig.1 Operating Temperature Derating Curve Fig.2 Typical Junction Capacitance Fig.3 Typical Reverse Characteristics Fig.4 Typical Forward Characteristics |
Número de pieza similar - BAT54ADW_R1_00001 |
|
Descripción similar - BAT54ADW_R1_00001 |