Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC257PW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74AHC257PW
Descripción Electrónicos  Quad 2-input multiplexer; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC257PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC257PW Datasheet HTML 3Page - NXP Semiconductors 74AHC257PW Datasheet HTML 4Page - NXP Semiconductors 74AHC257PW Datasheet HTML 5Page - NXP Semiconductors 74AHC257PW Datasheet HTML 6Page - NXP Semiconductors 74AHC257PW Datasheet HTML 7Page - NXP Semiconductors 74AHC257PW Datasheet HTML 8Page - NXP Semiconductors 74AHC257PW Datasheet HTML 9Page - NXP Semiconductors 74AHC257PW Datasheet HTML 10Page - NXP Semiconductors 74AHC257PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2000 Apr 03
7
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state
74AHC257;
74AHCT257
DC CHARACTERISTICS
74AHC family
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX. MIN. MAX.
VIH
HIGH-level input
voltage
2.0
1.5
−−
1.5
1.5
V
3.0
2.1
−−
2.1
2.1
V
5.5
3.85
−−
3.85
3.85
V
VIL
LOW-level input
voltage
2.0
−−
0.5
0.5
0.5
V
3.0
−−
0.9
0.9
0.9
V
5.5
−−
1.65
1.65
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −50 µA
2.0
1.9
2.0
1.9
1.9
V
3.0
2.9
3.0
2.9
2.9
V
4.5
4.4
4.5
4.4
4.4
V
VI =VIH or VIL;
IO = −4.0 mA
3.0
2.58
−−
2.48
2.40
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =50 µA
2.0
0
0.1
0.1
0.1
V
3.0
0
0.1
0.1
0.1
V
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 4.0 mA
3.0
−−
0.36
0.44
0.55
V
VI =VIH or VIL;
IO = 8.0 mA
4.5
−−
0.36
0.44
0.55
V
II
input leakage
current
VI =VCC or GND
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF current
VI =VIH or VIL;
VO =VCC or GND
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
4.0
40
80
µA
CI
input capacitance
−−
310
10
10
pF


Número de pieza similar - 74AHC257PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC257PW NXP-74AHC257PW Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74AHC257PW NEXPERIA-74AHC257PW Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
74AHC257PW-Q100 NEXPERIA-74AHC257PW-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
More results

Descripción similar - 74AHC257PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com