Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1GX04 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74LVC1GX04
Descripción Electrónicos  X-tal driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1GX04 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1GX04 Datasheet HTML 4Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 5Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 6Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 7Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 8Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 9Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 10Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 11Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2003 Aug 13
8
Philips Semiconductors
Product specification
X-tal driver
74LVC1GX04
AC CHARACTERISTICS
GND = 0 V.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPHL/tPLH
propagation delay input X1
to output X2
see Figs 3 and 5
1.65 to 1.95
0.5
2.1
5.0
ns
2.3 to 2.7
0.3
1.7
4.0
ns
2.7
0.3
2.5
4.5
ns
3.0 to 3.6
0.3
2.1
3.7
ns
4.5 to 5.5
0.3
1.6
3.0
ns
propagation delay input X1
to output Y
X2 no external load;
see Figs 4 and 5
1.65 to 1.95
1.0
4.4
10.0
ns
2.3 to 2.7
0.5
2.9
6.0
ns
2.7
0.5
3.0
6.0
ns
3.0 to 3.6
0.5
2.8
5.5
ns
4.5 to 5.5
0.5
2.3
4.5
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay input X1
to output X2
see Figs 3 and 5
1.65 to 1.95
0.5
6.5
ns
2.3 to 2.7
0.3
5.0
ns
2.7
0.3
5.6
ns
3.0 to 3.6
0.3
4.5
ns
4.5 to 5.5
0.3
3.8
ns
propagation delay input X1
to output Y
X2 no external load;
see Figs 4 and 5
1.65 to 1.95
1.0
12.5
ns
2.3 to 2.7
0.5
7.5
ns
2.7
0.5
7.5
ns
3.0 to 3.6
0.5
6.9
ns
4.5 to 5.5
0.5
5.6
ns


Número de pieza similar - 74LVC1GX04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
Texas Instruments
74LVC1GX04DBVRE4 TI1-74LVC1GX04DBVRE4 Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
74LVC1GX04DBVRG4 TI1-74LVC1GX04DBVRG4 Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
More results

Descripción similar - 74LVC1GX04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
NXP Semiconductors
74AUP1Z04 NXP-74AUP1Z04 Datasheet
130Kb / 25P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-3 July 2008
logo
Nexperia B.V. All right...
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125 Datasheet
143Kb / 29P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-7 August 2008
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
logo
Asahi Kasei Microsystem...
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com