Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI47XX-EVB Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI47XX-EVB
Descripción Electrónicos  Thank you for purchasing the Silicon Laboratories
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI47XX-EVB Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI47XX-EVB Datasheet HTML 6Page - Silicon Laboratories SI47XX-EVB Datasheet HTML 7Page - Silicon Laboratories SI47XX-EVB Datasheet HTML 8Page - Silicon Laboratories SI47XX-EVB Datasheet HTML 9Page - Silicon Laboratories SI47XX-EVB Datasheet HTML 10Page - Silicon Laboratories SI47XX-EVB Datasheet HTML 11Page - Silicon Laboratories SI47XX-EVB Datasheet HTML 12Page - Silicon Laboratories SI47XX-EVB Datasheet HTML 13Page - Silicon Laboratories SI47XX-EVB Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
Si47xx-EVB
10
Rev. 0.8
The Si47xx EVB can be powered using one of the following power supply options:
1. USB power supply via J79
2. External dc (Ext DC) power supply via power jack J78 or battery via J77
3. Three separate power supplies (Vdd, Vio, Vmcu) via terminal block J76
The EVB has three supply rails: Vdd, Vio, and Vmcu. Vdd and Vio are routed directly to the daughtercard to power
the Vdd and Vio pins on the Si47xx chip, while Vmcu is used to power the baseboard.
The external dc power supply and battery should not be connected simultaneously. Refer to Section 9. "Using the
EVB with a 9 V Battery‚" on page 109 for more information.
USB Power Supply & EXT DC Power Supply
Switch SW1 is used to select between the USB power supply and Ext dc power supply.
The USB power supply or the Ext dc power supply can be configured in one of the following two modes:
1. Fixed +3.3 V
2. Adjustable Vdd and Vio
Fixed +3.3 V
Only one LDO is used in this mode which outputs a +3.3 V supply to all three rails (Vdd, Vio, and Vmcu). The
jumpers need to be set according to Figure 3 to use the EVB in this configuration. This is the default configuration
on the EVB.
Figure 3. Default Fixed +3.3 V Jumpers Setting
Terminal Block Power Supply
If the terminal block supplies are used, then jumpers J61, J68, and J69 need to be set according to Figure 4. The
user then needs to connect three different power supplies for Vdd, Vio, and Vmcu.
Figure 4. Terminal Block Jumpers Setting
J69
J68
J61
Vio
Vdd
Vmcu
J69
J68
J61
Vio
Vdd
Vmcu


Número de pieza similar - SI47XX-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4700 SILABS-SI4700 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4700 SILABS-SI4700 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4700 SILABS-SI4700 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4700 SILABS-SI4700 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results

Descripción similar - SI47XX-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
1305201 SILABS-1305201 Datasheet
132Kb / 2P
   Silicon Laboratories is pleased to announce the release
AN236 SILABS-AN236 Datasheet
432Kb / 8P
   INTEGRATING IAR 8051 TOOLS INTO THE SILICON LABORATORIES IDE
1201241 SILABS-1201241 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
1201242 SILABS-1201242 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.2 of the datasheet
1201243 SILABS-1201243 Datasheet
41Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
   The Industrial Raspberry Pi that You Expect
2022-10-24
logo
Rohm
SLR-56VCT32 ROHM-SLR-56VCT32 Datasheet
899Kb / 4P
   Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
   Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
logo
Silicon Laboratories
TG-PM-0518-ETRX357USB SILABS-TG-PM-0518-ETRX357USB Datasheet
995Kb / 14P
   Telegesis??is a trademark of Silicon Laboratories Inc
logo
Lumileds Lighting Compa...
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com