Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1145-M01 Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI1145-M01
Descripción Electrónicos  High reflectance sensitivity
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1145-M01 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI1145-M01 Datasheet HTML 7Page - Silicon Laboratories SI1145-M01 Datasheet HTML 8Page - Silicon Laboratories SI1145-M01 Datasheet HTML 9Page - Silicon Laboratories SI1145-M01 Datasheet HTML 10Page - Silicon Laboratories SI1145-M01 Datasheet HTML 11Page - Silicon Laboratories SI1145-M01 Datasheet HTML 12Page - Silicon Laboratories SI1145-M01 Datasheet HTML 13Page - Silicon Laboratories SI1145-M01 Datasheet HTML 14Page - Silicon Laboratories SI1145-M01 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Si1145/46/47-M01
Rev. 1.0
11
Table 5. Absolute Maximum Ratings*
Parameter
Test Condition
Min
Max
Unit
VDD Supply Voltage
–0.3
4
V
Operating Temperature
–40
85
°C
Storage Temperature
–65
85
°C
LED1, LED2, LED3 Voltage
at VDD = 0 V, TA < 85 °C
–0.5
3.6
V
LEDA Voltage
–0.5
4.3
V
INT, SCL, SDA Voltage
at VDD = 0 V, TA < 85 °C
–0.5
3.6
V
Maximum Total Current Through LED1, LED2,
LED3 and LEDA
500
mA
Maximum Total Current Through GND
600
mA
Forward DC Current Through LEDA
TA =25 °C
70
mA
ESD Rating
Human Body Model
2
kV
Machine Model
225
V
Charged-Device Model
2
kV
*Note: Permanent device damage may occur if the absolute maximum ratings are exceeded.


Número de pieza similar - SI1145-M01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si1145-M01-GMR SILABS-Si1145-M01-GMR Datasheet
1Mb / 70P
   Integrated infrared proximity detector
More results

Descripción similar - SI1145-M01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI1141-M01 SILABS-SI1141-M01 Datasheet
1Mb / 79P
   High reflectance sensitivity
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
   High Sensitivity
logo
CIT Relay & Switch
J104D CIT-J104D Datasheet
101Kb / 2P
   High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
   high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
   High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
   High sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com