Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9248BST-20 Datasheet(PDF) 9 Page - Analog Devices |
|
AD9248BST-20 Datasheet(HTML) 9 Page - Analog Devices |
9 / 23 page Preliminary Technical Data AD9248 Rev. PrE | Page 9 of 23 ABSOLUTE MAXIMUM RATINGS Table 5. AD9248 Absolute Maximum Ratings 1 Parameter Rating Pin Name With Respect To Min Max Unit ELECTRICAL AVDD AGND - 0.3 +3.9 V DRVDD DRGND - 0.3 +3.9 V AGND DRGND - 0.3 +0.3 V AVDD DRVDD - 3.9 +3.9 V Digital Outputs CLK, DCS, MUX_SELECT, SHARED_REF, DRGND - 0.3 DRVDD + 0.3 V OEB, DFS AGND - 0.3 AVDD + 0.3 V VINA, VINB AGND - 0.3 AVDD + 0.3 V VREF AGND - 0.3 AVDD + 0.3 V SENSE AGND - 0.3 AVDD + 0.3 V REFB, REFT AGND - 0.3 AVDD + 0.3 V PDWN AGND - 0.3 AVDD + 0.3 V ENVIRONMENTAL 2 Operating Temperature - 45 +85 °C Junction Temperature +150 °C Lead Temperature (10 sec) +300 °C Storage Temperature - 65 +150 °C 1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2 Typical thermal impedances (64-lead LQFP); ? ? JA = 54°C/W. These measurements were taken on a 4-layer board in still air, in accordance with EIA/JESD51-7. EXPLANATION OF TEST LEVELS I 100% production tested. II 100% production tested at 25°C and sample tested at specified temperatures. III Sample tested only. IV Parameter is guaranteed by design and characterization testing. V Parameter is a typical value only. VI 100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100% production tested at temperature extremes for military devices. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Número de pieza similar - AD9248BST-20 |
|
Descripción similar - AD9248BST-20 |