Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM24LC21BISA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza AM24LC21BISA
Descripción Electrónicos  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21BISA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AM24LC21BISA Datasheet HTML 1Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21BISA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AM24LC21B
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jul 2, 2003
4/13
AC Electrical Characteristics
Standard Mode
Vcc=4.5V~5.5V
Fast mode
Symbol
Parameter
Min
Max
Min
Max
Unit
Remarks
FCLK
Clock frequency
100
400
Khz
TH
Clock high time
4
0.6
us
TL
Clock low time
4.7
1.3
us
TR
SDA and SCL rise
time
1
0.3
us
(Note1)
TF
SDA and SCL fall
time
0.3
0.3
us
(Note1)
THD(ST)
Start condition hold
time
4
0.6
us
After this period the first
clock pulse is generated
TSU(ST)
Start
condition
setup time
4.7
0.6
us
Only relevant for
repeated start condition
THD(DI)
Data input hold time
0
0
us
(Note 2)
TSU(DI)
Data
input
setup
time
0.25
0.1
us
TSU(STP)
Stop
condition
setup time
4
0.6
us
TAA
Output valid from
clock
3.5
0.9
us
(Note 2)
TBUF
Bus free time
4.7
1.3
us
Time the bus must be
free before a new
transmission can start
TOF
Output fall time from
VIH(min) to VIL(max)
0.25
20+0.1CB
0.25
us
(Note 1), CB≤100pF
TSP
Input
filter
spike
suppression
(SDA
and SCL pins)
0.05
0.05
us
(Note 3)
TWR
Write cycle time
10
10
ms
Byte or page mode
TVAA
Output valid from
VCLK
2
1
TVH
VCLK high time
4
0.6
TVL
VCLK low time
4.7
1.3
TVHZ
Mode transition time
0.5
0.5
TVPU
Transmit only power
up time
0
0
Endurance
1M
1M
cycles
25
0C, V
CC=5V, Block
mode (Note 4)
Note 1. Not 100% tested. CB=total capacitance of one bus line in pF.
Note 2. As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300ns) of the
falling edge of SCL to avoid unitended generation of start or stop conditions
Note 3. The combined TSP and Vhys specifications are due to new schmitt trigger inputs which provide improved noise and spike
suppression. This eliminates the need for a Tl specification for standard operation.
Note 4. This parameter is not tested but ensured by characterization.


Número de pieza similar - AM24LC21BISA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IN ETC-AM24LC21IN Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21INA ETC-AM24LC21INA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IS ETC-AM24LC21IS Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21ISA ETC-AM24LC21ISA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

Descripción similar - AM24LC21BISA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
   1K dual mode serial EEPROM
1997 Apr 01
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com