Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-6021 Datasheet(PDF) 4 Page - TE Connectivity Ltd

No. de pieza D-6021
Descripción Electrónicos  Multiplex DataBus Box Couplers and Terminators Connectorized with D-6025 Connector Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D-6021 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  D-6021 Datasheet HTML 1Page - TE Connectivity Ltd D-6021 Datasheet HTML 2Page - TE Connectivity Ltd D-6021 Datasheet HTML 3Page - TE Connectivity Ltd D-6021 Datasheet HTML 4Page - TE Connectivity Ltd D-6021 Datasheet HTML 5Page - TE Connectivity Ltd D-6021 Datasheet HTML 6Page - TE Connectivity Ltd D-6021 Datasheet HTML 7Page - TE Connectivity Ltd D-6021 Datasheet HTML 8Page - TE Connectivity Ltd D-6021 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MIL-STD-1553B Multiplex DataBus Box Couplers and
Terminators Connectorized with D-6025 Connector
Interface
D-6021
Revision A1
25-Mar-15
© 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved. TE Proprietary & Confidential Information.
If this document is printed, it becomes uncontrolled. Check for latest revision.
Page 4 of 14
f.
Connectors--Per Raychem Specification D-6025 and the applicable
specification control drawing.
3.5
Design and Construction Requirements
These items are designed to be nonrepairable components which are connectorized for
inclusion in data bus harnesses. They shall consist of encapsulated electrical components
within an EMI shielded housing. Box couplers consist of encapsulated transformer/resistor
modules, and terminators consist of encapsulated resistors.
3.5.1
Weight, Configuration and Dimensions
Weight, configuration and dimensions of couplers and terminators shall be as
shown in the applicable specification control drawings.
3.5.2
Interchangeability
All items having the same part number shall be completely interchangeable with
each other in regard to installation and performance.
3.6
Performance Requirements
When tested in accordance with the procedures defined in 4.5, couplers and terminators
shall conform to the requirements specified herein and in the applicable specification
control drawing. Tests marked with an asterisk (*) are not applicable to general, purpose
terminators (see 1.3).
3.6.1
Functional Tests
3.6.1.1 Transformer/Resistor Module Requirements. Transformer/resistor
modules and their component elements shall meet the requirements of
MIL-STD- 1553B.
3.6.1.2 Box Coupler Input Impedance. When box couplers are tested as specified
in 4.5.3.1, the input impedance shall be 3000 -* (number of stubs) ohms,
minimum over the temperature range specified.
3.6.1.3 Box Coupler Waveform Integrity Test
When single stub box couplers are tested as specified in 4.5.3.2, the drop
of the waveform on the bus leads shall not exceed 20 percent. Overshoot
and ringing shall be less than ± 1.0 volt peak.
3.6.1.4 Box Coupler Maximum Voltage Test
When a box coupler is tested as specified in 4.5.3.3, the voltage on the
coupler's bus cables shall be between 8 and 10 V p-p.
3.6.1.5 Box Coupler Minimum Voltage Test
When a box coupler is tested as specified in 4.5.3.4, the voltage on the
coupler's bus cables shall be between 5 and 7 V p-p.


Número de pieza similar - D-6021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
D-602-0093 MACOM-D-602-0093 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0094 MACOM-D-602-0094 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-00940095 MACOM-D-602-00940095 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-01040105 MACOM-D-602-01040105 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0106 MACOM-D-602-0106 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
More results

Descripción similar - D-6021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Premier Magnetics, Inc.
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Hirose Electric
HSC-TM-P1 HIROSE-HSC-TM-P1 Datasheet
154Kb / 4P
   Optical Terminators
logo
NXP Semiconductors
68HC05X1 NXP-68HC05X1 Datasheet
6Mb / 104P
   SAEJ1850 PWM Serial Multiplex Interface (SMI)
REV 2.1
logo
Maxim Integrated Produc...
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
logo
Micronetics, Inc.
8165 MICRONETICS-8165 Datasheet
56Kb / 2P
   CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Winchester Electronics ...
300038 WINCHESTER-300038 Datasheet
52Kb / 2P
   Modular Adapters and Couplers
logo
SMSC Corporation
COM20051++ SMSC-COM20051+ Datasheet
348Kb / 92P
   Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com